Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLUENRG-332VC Datasheet(PDF) 11 Page - STMicroelectronics

Part # BLUENRG-332VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button BLUENRG-332VC Datasheet HTML 7Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 8Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 9Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 10Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 11Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 12Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 13Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 14Page - STMicroelectronics BLUENRG-332VC Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
Figure 5. Power supply domain overview
SMPS
MLDO
LP-Reg
CPU
RF_FSM
BLE
Peripherals
RCCi
Interruptible domain
(VDD12I)
HSI,
BLE_wakeup,
RTC
Watchdog,
LPUART
PWRCo,
RCCo
Always on
Domain
(VDD12O)
HSE, LSI, LSE
BOR, POR, PVD
PWRC33,
RCC33
V33 domain
(VDDIO)
VDDIO
CMDNO
CMDNI
VREG PAD
VFBSD
VGATEN
VGATEP
VDD12O
RFLDOs
Analog
RF
VRF
VDD12I
2.6.3
Linear voltage regulators
The digital power supplies are provided by different regulators:
•
The main LDO (MLDO):
–
it provides 1.2 V from a 1.4-3.3 V input voltage
–
it supplies both VDD12i and VDD12o when the device is active
–
it is disabled during the low power mode (DEEPSTOP)
•
Low power LDO (LPREG):
–
it stays enabled during both active and low power phases
–
it provides 1.0 V voltage
–
it is not connected to the digital domain when the device is active
–
it is connected to the VDD12o domain during low power mode (DEEPSTOP)
•
A dedicated LDO (RFLDO) to provide a 1.2 V to the analog RF block
An embedded SMPS step-down converter is available (inserted between the external power and the LDOs).
2.6.4
Power supply supervisor
The BlueNRG-LPS device embeds several power voltage monitoring:
•
Power-on-reset (POR): during the power-on, the device remains in reset mode if VDDIO is below a VPOR
threshold (typically 1.65 V)
•
Power-down-reset (PDR): during power-down, the PDR puts the device under reset when the supply
voltage (VDD) drops below the VPDR threshold (around 20 mV below VPOR). The PDR feature is always
enabled
•
Power voltage detector (PVD): can be used to monitor the VDDIO (against a programmed threshold) or
an external analog input signal. When the feature is enabled and the PVD measures a voltage below the
comparator, an interrupt is generated (if unmasked)
BlueNRG-LPS
Power supply management
DS13819 - Rev 4
page 11/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com