| Electronic Components Datasheet Search |
|
HC705P6AGRS/D Datasheet(PDF) 74 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705P6AGRS/D Datasheet(HTML) 74 Page - NXP Semiconductors |
|
74 / 134 page ![]() Capture/Compare Timer General Release Specification MC68HC705P6A — Rev. 1.0 Capture/Compare Timer 8.4.6 Output Compare Registers (OCRH and OCRL) When the value of the 16-bit counter matches the value in the output compare registers, the planned TCMP pin action takes place. Writing to OCRH before writing to OCRL inhibits timer compares until OCRL is written. Reading or writing to OCRL after the timer status register clears the output compare flag (OCF). Figure 8-7. Output Compare Registers (OCRH and OCRL) To prevent OCF from being set between the time it is read and the time the output compare registers are updated, use this procedure: 7. Disable interrupts by setting the I bit in the condition code register. 8. Write to OCRH. Compares are now inhibited until OCRL is written. 9. Clear bit OCF by reading timer status register (TSR). 10. Enable the output compare function by writing to OCRL. 11. Enable interrupts by clearing the I bit in the condition code register. OCRH $0016 Bit 7 6 5 4 3 2 1 Bit 0 Write: BIT15 BIT14 BIT13 BIT12 BIT11 BIT10 BIT9 BIT8 Read: Unaffected by Reset OCRL $0017 Bit 7 6 5 4 3 2 1 Bit 0 Write: BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0 Read: Unaffected by Reset Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |