Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC705P6AGRS/D Datasheet(PDF) 32 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 28Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 29Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 30Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 31Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 32Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 33Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 34Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 35Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 134 page
background image
Operating Modes
General Release Specification
MC68HC705P6A — Rev. 1.0
Operating Modes
3.3 User Mode
The user mode allows the MCU to function as a self-contained
microcontroller, with maximum use of the pins for on-chip peripheral
functions. All address and data activity occurs within the MCU and are
not available externally. User mode is entered on the rising edge of
RESET if the IRQ/VPP pin is within the normal operating voltage range.
The pinout for the user mode is shown in Figure 3-1.
Figure 3-1. User Mode Pinout
In the user mode, there is an 8-bit I/O port, a second 8-bit I/O port shared
with the A/D subsystem, one 3-bit I/O port shared with the SIOP, and a
3-bit port shared with the 16-bit timer subsystem, which includes one
general-purpose I/O pin.
Table 3-1. Operating Mode Conditions After Reset
RESET Pin
IRQ/VPP
PD7/TCAP
Mode
VSS to VDD
VSS to VDD
Single-Chip
VPP
VDD
Bootloader
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RESET
IRQ/VPP
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
SDO/PB5
SDI/PB6
SCK/PB7
VSS
VDD
OSC1
OSC2
PD7/TCAP
TCMP
PD5
PC0
PC1
PC2
PC3/AD3
PC4/AD2
PC5/AD1
PC6/AD0
PC7/VREFH
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com