Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC05V7GRS/D Datasheet(PDF) 114 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 110Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 111Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 112Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 113Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 114Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 115Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 116Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 117Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 170 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 100
MC68HC05V7 Specification Rev. 1.0
The MDLC will attempt to receive every message that it sends, so the RXMS bit will usually
be set a short time after the TXMS bit is set.
Because these bits act independently, cannot be written to, and have separate clearing
mechanisms, it is not possible to inadvertently miss an interrupt.
15.2.3.4
Clearing Wake Up Interrupts
Although no flag bit is affected by the MDLC waking up from MDLC Stop Mode (entered by
’STOP’ or ’WAIT’ with WCM bit set previously) due to network activity, the CPU interrupt
request that is generated by the wake up is cleared by an access of the MRSR register.
15.2.4
MDLC TX CONTROL REGISTER (MTCR) $10
This register controls the operation of the MDLC transmitter, including the Tx Buffer.
All bits may be read in all modes of MCU operation.
Bits 4, 5, 6, and 7 will always read as zeros and can never be written to.
Bits 0, 1, 2, and 3 can be written to in all modes of MCU operation.
15.2.4.1
TC0,1,2,3 - Transmit Count
These bits determine the length of the message body (not including the CRC byte) to be
sent. Internally, they are reset to $00 following a reset.
The programmer should first determine that the MDLC is ready to transmit, then load the
message header and data bytes into the Tx Buffer, and finally write the length of the body
of the message (excluding CRC byte) into this register.
This will cause the MDLC to initiate transmission of the contents of the Tx Buffer according
to the J1850 protocol. Once the last byte has been sent, a Cyclic Redundancy Check
(CRC) byte will automatically be appended to the end of the message body.
Once the CRC has been successfully sent, a CPU interrupt request will be generated (if the
Interrupt Enable (IE) bit is set) and the Tx Message Successful (TXMS) bit will be set in the
MSR register.
An access of this register will clear the CPU interrupt request and the TXMS bit.
The valid range of values that may be written to this register is $01 to $0B. Since the Tx
Buffer is 11 bytes long, any value greater than or equal to $0C written to this register will
create a Tx Buffer overflow error and cause the MDLC to not transmit that message.
Figure 15-5:
MDLC Tx Control Register (MTCR)
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
TC1
TC0
TC2
TC3
0
0
0
0
RESET
00000000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com