Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC05V7GRS/D Datasheet(PDF) 105 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 101Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 102Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 103Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 104Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 105Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 106Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 107Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 108Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 170 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 91
MC68HC05V7 Specification Rev. 1.0
SECTION 15
MESSAGE DATA LINK CONTROLLER
The Message Data Link Controller (MDLC) provides access to an external serial
communication multiplex bus, operating according to the SAE J1850 protocol.
Key features of the MDLC include:
•
SAE J1850 compatible
•
GM Class 2 compatible
•
10.4 kbps variable pulse width (VPW) bit format
•
Digital noise filter
•
Collision detection
•
Two 11-byte Receive Buffers, one 11-byte Transmit Buffer
•
Hardware CRC generation and checking
•
Two power saving modes with automatic wake up on network activity
•
Polling and CPU interrupts available
•
Receive Block mode supported
•
Coexists with devices supporting 4x mode
•
Auto retry following loss of arbitration
•
In-frame Response not supported
•
Low Voltage Protection
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com