Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZ09 Datasheet(PDF) 13 Page - Kyocera Kinseki Corpotation

Part # BZ09
Description  BestCap® Ultra-low ESR High Power Pulse Supercapacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

BZ09 Datasheet(HTML) 13 Page - Kyocera Kinseki Corpotation

Back Button BZ09 Datasheet HTML 9Page - Kyocera Kinseki Corpotation BZ09 Datasheet HTML 10Page - Kyocera Kinseki Corpotation BZ09 Datasheet HTML 11Page - Kyocera Kinseki Corpotation BZ09 Datasheet HTML 12Page - Kyocera Kinseki Corpotation BZ09 Datasheet HTML 13Page - Kyocera Kinseki Corpotation BZ09 Datasheet HTML 14Page - Kyocera Kinseki Corpotation BZ09 Datasheet HTML 15Page - Kyocera Kinseki Corpotation BZ09 Datasheet HTML 16Page - Kyocera Kinseki Corpotation BZ09 Datasheet HTML 17Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
10
SECTION 2: MECHANICAL SPECIFICATIONS (CONT’D)
2.3.1: H-STYLE CASE DIMENSIONS (THROUGH HOLE EXTENDED HEIGHT)
2.3.2: H-LEAD CONFIGURATION (THROUGH HOLE EXTENDED HEIGHT)
TABLE 2.3.1: H-STYLE CASE DIMENSIONS
Case Dimensions: mm (inches)
Case Size
BL
+1.0 (0.040)/-0
W
+1.0 (0.040)/-0
H
(Maximum)
L
±1.0 (0.040)
S
+0.5 (0.020)/
-0.4 (0.016)
LO
±0.2 (0.008)
LW
±0.2 (0.008)
LL
±0.2 (0.008)
BZ01
28 (1.102)
17 (0.669)
See Section 1
32 (1.260)
3.0 (0.118)
1.5 (0.059)
1.27 (0.050)
2.5 (0.098)
BZ02
48 (1.890)
30 (1.181)
See Section 1
52 (2.047)
3.0 (0.118)
1.5 (0.059)
1.27 (0.050)
2.5 (0.098)
BZ05
20 (0.787)
15.6 (0.614)
See Section 1
24.3 (0.957)
3.0 (0.118)
1.5 (0.059)
1.27 (0.050)
2.5 (0.098)
TABLE 2.3.2: H-LEAD LAYOUT DIMENSIONS
PCB Dimensions: mm (inches)
Case Size
A
±0.05 (0.002)
B
±0.05 (0.002)
C
±0.05 (0.002)
D
±0.1 (0.004)
BZ01
17.25 (0.679)
8.90 (0.350)
28 (1.102)
Ø1.4 (0.055)
BZ02
30.25 (1.191)
8.90 (0.350)
48 (1.890)
Ø1.4 (0.055)
BZ05
15.25 (0.600)
8.90 (0.350)
19 (0.748)
Ø1.4 (0.055)
L
BL
S
W
H
LW
LL
LO
C
B
D
A
BestCap® Ultra-low ESR
High Power Pulse Supercapacitors
Mechanical Specifications (H-Lead)
102419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com