Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZ09 Datasheet(PDF) 21 Page - Kyocera Kinseki Corpotation

Part # BZ09
Description  BestCap® Ultra-low ESR High Power Pulse Supercapacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

BZ09 Datasheet(HTML) 21 Page - Kyocera Kinseki Corpotation

Back Button BZ09 Datasheet HTML 17Page - Kyocera Kinseki Corpotation BZ09 Datasheet HTML 18Page - Kyocera Kinseki Corpotation BZ09 Datasheet HTML 19Page - Kyocera Kinseki Corpotation BZ09 Datasheet HTML 20Page - Kyocera Kinseki Corpotation BZ09 Datasheet HTML 21Page - Kyocera Kinseki Corpotation BZ09 Datasheet HTML 22Page - Kyocera Kinseki Corpotation BZ09 Datasheet HTML 23Page - Kyocera Kinseki Corpotation BZ09 Datasheet HTML 24Page - Kyocera Kinseki Corpotation BZ09 Datasheet HTML 25Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
18
SECTION 3: ELECTRICAL CHARACTERISTICS – SCHEMATIC
SECTION 3.2: TYPICAL CHARACTERISTICS
3.1 Terminal Connections:
3.1.1: S-Lead
3.1.2: A-, H- & L-Lead
3.1.3: C- & N-Lead
Common terminals connected to case
Common terminals connected to case
Devices are non polar but it is usual to maintain case at ground potential
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-25 -20 -15 -10 -5 0 5 10 15 20
Temperature (
°C)
BZ015A503ZLB35
25 30 35 40 45 50 55 60 65
0.700
0.600
0.500
0.400
0.300
0.200
0.100
0.000
-25 -20 -15 -10 -5 0 5 10 15 20
Temperature (
°C)
BZ015A503ZLB35
25 30 35 40 45 50 55 60 65
e
r
u
t
a
r
e
p
m
e
T
.
s
v
R
S
E
e
r
u
t
a
r
e
p
m
e
T
.
s
v
e
c
n
a
t
i
c
a
p
a
C
10
1
0.1
0.01
10
100
1,000
10,000
100,000 1,000,000 10,000,000
Frequency (Hz)
100,000,000
BZ015A503
BZ014A104
BZ025A204
ESR vs. Frequency
1.00E+01
1.00E+00
1.00E-01
1.00E-02
10
100
1,000
10,000
100,000 1,000,000 10,000,000
Frequency (Hz)
100,000,000
BZ015A503
BZ014A104
BZ025A204
ESR Comparison
10
1
0.1
0.01
10
100
1,000
10,000
100,000 1,000,000 10,000,000
Frequency (Hz)
100,000,000
BZ015A503
BZ014A104
BZ025A204
Impedance vs. Frequency
10
1
0.1
0.01
10
100
1,000
10,000
100,000 1,000,000 10,000,000
Frequency (Hz)
100,000,000
BZ015A503
BZ014A104
BZ025A204
Impedance Comparison
BestCap® Ultra-low ESR
High Power Pulse Supercapacitors
Electrical Characteristics – Schematic, Typical Characteristics
102419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com