Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  16-Bit, 1 MS/s, High-Speed Data Acquisition
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-2600 Series
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-2600 Series
Analog Input
Each USB-2600 Series board has a
16-bit, 1 MS/s ADC coupled with
16 SE analog inputs (USB-2623 and
USB-2627), 64 SE analog inputs
(USB-2633 and USB-2637). The input
range is fixed at ±10 V.
Analog Output
(USB-2627/USB-2637)
The four 16-bit, 1 MS/s analog output
channels have an output range of ±10 V.
The maximum rate at which analog out-
puts update depends on several factors,
including the speed of the USB port. Typi-
cally, with the A/D operating at the full
1 MS/s rate, each analog output updates
continuously from computer memory at
1 MS/s regardless of the number of chan-
nels in a scan.
16-Bit, 1 MS/s, High-Speed Data Acquisition
USB-2600 Series boards are designed for OEM and embedded applications.
Digital I/O
The 24 TTL-level digital I/O lines are
software selectable for input or output.
The typical maximum transfer rate (sys-
tem paced, asynchronous) is 4,000 8-bit
port or single-bit reads/writes per second.
Pull-Up/Down Configuration
Each board has an onboard jumper for
configuring the digital I/O lines for pull-
up or pull-down (default).
Trigger Input
An external digital trigger input is
software selectable for edge sensitive or
level sensitive mode.
USB-2600 Series Selection Chart
Model
Analog
Inputs
Sample
Rate
Analog
Outputs
Digital I/O
Counters
Timer
Outputs
USB-2623
16 SE (16-bit)
1 MS/s max
0
24
4
4
USB-2627
16 SE (16-bit)
1 MS/s max
4
24
4
4
USB-2633
64 SE (16-bit)
1 MS/s max
0
24
4
4
USB-2637
64 SE (16-bit)
1 MS/s max
4
24
4
4
Features
• 16-bit resolution
• 1 MS/s sample rate
• Up to 64 single-ended analog
inputs
• Up to four 16-bit, 1 MS/s
analog outputs
• 24 digital I/O lines
• Four 32-bit event counters
• Four timer outputs
• USB powered (no external
power required)
• Includes USB cable and
standoffs
• Small footprint for OEM and
embedded applications
Supported Operating Systems
• Windows®
11/10/8/7/Vista®
XP
, 32/64-bit
• Linux®
• Android™
Overview
The USB-2600 Series offers high-speed, multifunction data acquisition in a low-cost,
board-only design. Each board offers voltage input, digital trigger input, counter
input, timer output, digital I/O, and clock input.
Analog output is also available on the USB-2627 and USB-2637.
Counter Input
Four 32-bit counters are included in
USB-2600 Series devices. Each counter
accepts frequency inputs up to 20 MHz.
Timer Output
Four pulse width modulation (PWM)
timer outputs can generate a square wave
with a programmable frequency in the
range of 0.015 Hz to 32 MHz.
External Clock I/O
One external clock input is provided for
pacing analog inputs. The USB-2627 and
USB-2637 also have an external clock
input for pacing analog outputs.


Similar Part No. - DASYLAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DASYLAB ETC-DASYLAB Datasheet
762Kb / 4P
Single-Channel Thermocouple Measurement Device
September 2019. Rev 3
DASYLAB ETC-DASYLAB Datasheet
862Kb / 5P
12-bit, 20 MS/s, Simultaneous-Sampling, Ultra High-Speed USB Board
September 2019. Rev 6
DASYLAB ETC-DASYLAB Datasheet
628Kb / 8P
24-Bit Devices for Voltage, Temperature, or Bridge-Based Sensors
April 2019. Rev 2
DASYLAB ETC-DASYLAB Datasheet
749Kb / 7P
High-Speed Multifunction DAQ with Synchronous I/O
Rev 2, August 2017
DASYLAB ETC-DASYLAB Datasheet
918Kb / 5P
24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
More results

Similar Description - DASYLAB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
logo
List of Unclassifed Man...
AX10410A ETC-AX10410A Datasheet
63Kb / 2P
High Speed Data Acquisition Module
logo
Advantech Co., Ltd.
PCI-1712 ADVANTECH-PCI-1712 Datasheet
659Kb / 2P
1 MS/s, 12-bit, 16-ch PCI Multifunction Card
logo
Analog Devices
ADAS3022 AD-ADAS3022 Datasheet
802Kb / 40P
16-Bit, 1 MSPS, 8-Channel Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
16 Channel 12 Bit Data Acquisition System
REV. A
logo
Advantech Co., Ltd.
PCIE-1816 ADVANTECH-PCIE-1816_15 Datasheet
209Kb / 1P
1 MS/s, 16-bit, 16-ch PCI Express Multifunction DAQ Card
logo
Analog Devices
ADAQ7980 AD-ADAQ7980 Datasheet
1Mb / 49P
16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
Rev. 0
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
8-Channel, 12-Bit High Speed Data Acquisition System
23-Feb-2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com