Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  16-Bit, 1 MS/s, High-Speed Data Acquisition
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Measurement Computing
(508) 946-5100
5
info@mccdaq.com
mccdaq.com
USB-2600 Series
January 2019. Rev 8
USB-2600-Series-data
© Measurement Computing Corporation
Ordering
Counter
Number of channels: 4 channels
Resolution: 32-bit
Counter type: Event counter
Input type: 33 Ω series resistor, 47 kΩ pull-down to GND
Counter read/writes rates (software paced): 33 to 8,000 reads/writes per second
Input voltage: 2.2 V min high, 1.5 V max low
Input low voltage: maximum input voltage range: –5 V to +10 V max
Input frequency: 20 MHz max
High/low pulse width: 25 ns min
Power
Supply current: Quiescent current: 360 mA; includes up to 10 mA for the LED;
does not include potential loading of the DIO bits, +VO pin, or XDACx outputs.
+VO output voltage range: 4.25 V to 5.25 V
+VO output current: 10 mA max
Environmental
Operating temperature range: 0 °C to 55 °C max
Storage temperature range: –40 °C to 85 °C max
Humidity: 0% to 90% non-condensing max
Mechanical
PCB dimensions (L × W): 152.4 × 150.62 mm (6.00 × 5.93 in.)
Timer Output
Number of channels: 4 channels
Timer type: PWM output with count, period, delay, and pulse width registers
Output value: Idle low with pulses high, software selectable, output invert
Internal clock frequency: 64 MHz
Register widths: 32-bit
High pulse width : 10.42 ns, min
Low pulse width: 10.42 ns, min
Output high voltage: 4.4 V min (IOH = –50 µA)
3.76 V min (IOH = –1.0 mA)
Output low voltage: 0.1 V max (IOL = 50 µA), 0.44 V max (IOL = 1.0 mA)
Output waveform: Square wave
Output rate: 64 MHz base rate divided by 232; software selectable.
Order Information
Hardware
Part No.
Description
USB-2623
USB-based DAQ device with 16 SE analog inputs,
1 MS/s throughput; 24 digital I/O lines; four 32-bit
counter input channels; and four timer outputs.
USB-2627
USB-based DAQ device with 16 SE analog inputs,
1 MS/s throughput, 4 analog outputs, 24 digital I/O
lines, four 32-bit counter input channels, and four
timer outputs.
USB-2633
USB-based DAQ device with 64 SE analog inputs,
1 MS/s throughput; 24 digital I/O lines; four 32-bit
counter input channels; and four timer outputs.
USB-2637
USB-based DAQ device with 64 SE analog inputs, 1
MS/s throughput, 4 analog outputs, 24 digital I/O
lines, four 32-bit counter input channels, and four
timer outputs.
Software also Available from MCC
Part No.
Description
TracerDAQ Pro
Out-of-the-box virtual instrument suite with strip chart,
oscilloscope, function generator, and rate generator –
professional version
DASYLab
Icon-based data acquisition, graphics, control, and analysis
software
Accessories & Cables
Part No.
Description
TB-100
Termination board with screw-terminals; connects via
a CA-68-3R, CA-68-3S, or CA-68-6S cable
TB-103
Termination board with screw terminals; mates
directly with the USB-2600 Series; includes mounting
stand-offs
CIO-MINI40
40-pin universal screw-terminal board
CA-68-3R
68-conductor ribbon cable, 3 ft.
C40FF-x
40-conductor ribbon cable, female to female, available
in 2 ft. to 50 ft.
TB-103 termination board mounts directly onto a USB-2600 Series
board
The TB-100 termination board connects to a USB-2600 Series board
with a ribbon cable



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com