Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMY130. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMY130.
Description  Highbright 0603 ChipLED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY130. Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMY130. Datasheet HTML 1Page - Vishay Siliconix VLMY130. Datasheet HTML 2Page - Vishay Siliconix VLMY130. Datasheet HTML 3Page - Vishay Siliconix VLMY130. Datasheet HTML 4Page - Vishay Siliconix VLMY130. Datasheet HTML 5Page - Vishay Siliconix VLMY130. Datasheet HTML 6Page - Vishay Siliconix VLMY130. Datasheet HTML 7Page - Vishay Siliconix VLMY130. Datasheet HTML 8Page - Vishay Siliconix VLMY130. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
VLMS1300, VLMO1300, VLMY130., VLMG1300, VLMTG1300, VLMB13..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 19-Mar-2021
3
Document Number: 82437
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMY1300, VLMY1301, YELLOW
PARAMETER
TEST CONDITION
PART NUMBER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLMY1300
IV
28
-
180
mcd
VLMY1301
IV
71
-
180
mcd
Dominant wavelength
IF = 20 mA
λd
584.5
-
597
nm
Peak wavelength
IF = 20 mA
λp
-
588
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 65
-
°
Spectral line half width
IF = 20 mA
Δλ
-15
-
nm
Forward voltage
IF = 20 mA
VF
1.8
-
2.4
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-40
-
pF
Reverse current
VR = 5 V
IR
-
-
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMG1300, YELLOW GREEN
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
IV
18
35
-
mcd
Dominant wavelength
IF = 20 mA
λd
-
571
-
nm
Peak wavelength
IF = 20 mA
λp
-
574
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 65
-
°
Spectral line half width
IF = 20 mA
Δλ
-15
-
nm
Forward voltage
IF = 20 mA
VF
-2.0
2.4
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-40
-
pF
Reverse current
VR = 5 V
IR
-
-
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMTG1300, TRUE GREEN
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
IV
71
-
450
mcd
Dominant wavelength
IF = 20 mA
λd
-
525
-
nm
Peak wavelength
IF = 20 mA
λp
-
530
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 65
-
°
Spectral line half width
IF = 20 mA
Δλ
-35
-
nm
Forward voltage
IF = 20 mA
VF
2.8
3.2
3.6
V
Reverse current
VR = 5 V
IR
-
-
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMB1300, VLMB1302, VLMB1310, BLUE
PARAMETER
TEST CONDITION
PART NUMBER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLMB1300
IV
28
-
180
mcd
VLMB1302
IV
45
-
112
mcd
VLMB1310
IV
28
-
180
mcd
Dominant wavelength
IF = 20 mA
λd
465
-
475
nm
Peak wavelength
IF = 20 mA
λp
-
468
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 65
-
°
Spectral line half width
IF = 20 mA
Δλ
-25
-
nm
Forward voltage
IF = 20 mA
VF
2.8
-
3.8
V
Reverse current (except VLMB1310)
VR = 5 V
IR
-
-
10
μA
Reverse voltage (VLMB1310 only)
IR = 10 mA
VR
0.6
-
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com