Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMY130. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMY130.
Description  Highbright 0603 ChipLED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY130. Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMY130. Datasheet HTML 1Page - Vishay Siliconix VLMY130. Datasheet HTML 2Page - Vishay Siliconix VLMY130. Datasheet HTML 3Page - Vishay Siliconix VLMY130. Datasheet HTML 4Page - Vishay Siliconix VLMY130. Datasheet HTML 5Page - Vishay Siliconix VLMY130. Datasheet HTML 6Page - Vishay Siliconix VLMY130. Datasheet HTML 7Page - Vishay Siliconix VLMY130. Datasheet HTML 8Page - Vishay Siliconix VLMY130. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
VLMS1300, VLMO1300, VLMY130., VLMG1300, VLMTG1300, VLMB13..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 19-Mar-2021
1
Document Number: 82437
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Highbright 0603 ChipLED
DESCRIPTION
The new ChipLED series have been designed in the smallest
SMD package. This innovative ChipLED technology opens
the way to
• smaller products of higher performance
• more design in flexibility
• enhanced applications
The 0603 LED is an obvious solution for small-scale, high
brightness products that are expected to work reliably in an
arduous environment.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD 0603 ChipLED
• Product series: standard
• Angle of half intensity: ± 65°
FEATURE
• Super thin ChipLED with exceptional brightness
1.6 mm x 0.8 mm x 0.8 mm (L x W x H)
• High reliability PCB based
• Wavelength (465 to 475) nm (blue), typ. 525 nm
(true green), typ. 571 nm (yellow green), (584.5
to 597) nm (yellow), typ. 605 nm (soft orange),
typ. 631 nm (super red)
• InGaN blue available with protection diode,
device type VLMB1310 with HBM 8000 V
• AllnGaP and InGaN technology
• Viewing angle: Extremely wide 130°
• Grouping parameter: Luminous intensity, wavelength, VF
• Available in 8 mm tape on 7" diameter reel
• Compatible to IR reflow soldering
• Preconditioning according to JEDEC® level 3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Backlight keypads
• Navigation systems
• Cellular phone displays
• Displays for industrial control systems
• Miniaturized color effects
• Traffic displays
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP. MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
VLMS1300-GS08
Super red
18
54
-
20
-
631
-
20
-
2.0
2.4
20
AlInGaP
VLMO1300-GS08
Soft orange
45
90
-
20
-
605
-
20
-
2.0
2.4
20
AlInGaP
VLMY1300-GS08
Yellow
28
-
180
20
584.5
-
597
20
1.8
-
2.4
20
AlInGaP
VLMY1301-GS08
Yellow
71
-
180
20
584.5
-
597
20
1.8
-
2.4
20
AlInGaP
VLMG1300-GS08
Yellow green
18
35
-
20
-
571
-
20
-
2.0
2.4
20
AlInGaP
VLMTG1300-GS08
True green
71
-
450
20
-
525
-
20
2.8
3.2
3.6
20
InGaN
VLMB1300-GS08
Blue
28
-
180
20
465
-
475
20
2.8
-
3.8
20
InGaN
VLMB1302-GS08
Blue
45
-
112
20
465
-
475
20
2.8
-
3.8
20
InGaN
VLMB1310-GS08
Blue
28
-
180
20
465
-
475
20
2.8
-
3.8
20
InGaN


Similar Part No. - VLMY130.

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
VLMY130 TO-GRACE-VLMY130 Datasheet
901Kb / 13P
Highbright 0603 ChipLED
VLMY130 TO-GRACE-VLMY130 Datasheet
901Kb / 13P
Highbright 0603 ChipLED
logo
Vishay Siliconix
VLMY1300 VISHAY-VLMY1300 Datasheet
212Kb / 13P
Highbright 0603 ChipLED
25-Jul-12
VLMY1300 VISHAY-VLMY1300 Datasheet
250Kb / 13P
Highbright 0603 ChipLED
19-Mar-2021
VLMY1300-GS08 VISHAY-VLMY1300-GS08 Datasheet
212Kb / 13P
Highbright 0603 ChipLED
25-Jul-12
More results

Similar Description - VLMY130.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS1300 VISHAY-VLMS1300 Datasheet
212Kb / 13P
Highbright 0603 ChipLED
25-Jul-12
VLMW1300 VISHAY-VLMW1300 Datasheet
176Kb / 8P
Highbright 0603 ChipLED
08-Nov-11
VLMW1301 VISHAY-VLMW1301 Datasheet
239Kb / 8P
Highbright 0603 ChipLED
22-Sep-14
VLMTG1400 VISHAY-VLMTG1400 Datasheet
226Kb / 10P
Highbright 0603 ChipLED
25-Jan-18
logo
HK TO-GRACE TECHNOLOGY ...
VLMS1300 TO-GRACE-VLMS1300 Datasheet
901Kb / 13P
Highbright 0603 ChipLED
VLMTG1300 TO-GRACE-VLMTG1300 Datasheet
901Kb / 13P
Highbright 0603 ChipLED
VLMTG1400 TO-GRACE-VLMTG1400 Datasheet
689Kb / 10P
Highbright 0603 ChipLED
VLMW1300 TO-GRACE-VLMW1300 Datasheet
581Kb / 8P
Highbright 0603 ChipLED
logo
Vishay Siliconix
VLMS1300 VISHAY-VLMS1300_V01 Datasheet
250Kb / 13P
Highbright 0603 ChipLED
19-Mar-2021
VLMW1301 VISHAY-VLMW1301_V01 Datasheet
208Kb / 8P
Highbright 0603 ChipLED
19-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com