Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT112 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HT112
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HT112 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HT112 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HT112 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HT112 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HT112 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HT112 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HT200101
Issued Date : 2000.05.01
Revised Date : 2005.12.02
Page No. : 1/5
HT112
HSMC Product Specification
HT112
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HT112 is designed for use in general purpose amplifier and low-speed
switching applications.
Absolute Maximum Ratings (T
A=25°C)
• Maximum Temperatures
Storage Temperature ........................................................................................................................... -55 ~ +150
°C
Junction Temperature ................................................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (T
A=25°C) ................................................................................................................... 1.5 W
Total Power Dissipation (T
C=25°C) .................................................................................................................... 30 W
• Thermal Resistance
Junction To Case Rθjc................................................................................................................................... 4.2
oC/W
• Maximum Voltages and Currents
BV
CBO Collector to Base Voltage ....................................................................................................................... 100 V
BV
CEO Collector to Emitter Voltage .................................................................................................................... 100 V
BV
EBO Emitter to Base Voltage .............................................................................................................................. 5 V
I
C Collector Current ................................................................................................................................................ 4 A
Electrical Characteristics (T
A=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BV
CBO
100
-
-
V
I
C=1mA
BV
CEO
100
-
-
V
I
C=30mA
I
CBO
--
1
mA
V
CB=100V
I
CEO
--
2
mA
V
CE=50V
I
EBO
--
2
mA
V
EB=5V
*V
CE(sat)
--
2.5
V
I
C=2A, IB=8mA
*V
BE(on)
--
2.8
V
I
C=2A, VCE=4V
*h
FE1
1-
-
K
I
C=1A, VCE=4V
*h
FE2
500
-
-
I
C=2A, VCE=4V
Cob
-
-
100
pF
V
CB=10V, IE=0
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
TO-126


Similar Part No. - HT112

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT11 TSC-HT11 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
376Kb / 4P
High Efficient Rectifiers
logo
List of Unclassifed Man...
HT11-012 ETC2-HT11-012 Datasheet
83Kb / 3P
NEMA 11 High Torque Step Motor
More results

Similar Description - HT112

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com