Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT112 Datasheet(PDF) 4 Page - Hi-Sincerity Mocroelectronics

Part # HT112
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HT112 Datasheet(HTML) 4 Page - Hi-Sincerity Mocroelectronics

  HT112 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HT112 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HT112 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HT112 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HT112 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HT200101
Issued Date : 2000.05.01
Revised Date : 2005.12.02
Page No. : 4/5
HT112
HSMC Product Specification
TO-126 Dimension
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
• Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C.
Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454
• Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel: 886-3-5983621~5 Fax: 886-3-5982931
Marking:
Control Code
Date Code
HT
11 2
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
Note: Green label is used for pb-free packing
Pin Style: 1.Emitter 2.Collector 3.Base
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
3-Lead TO-126
Plastic Package
HSMC Package Code: T
DIM
Min.
Max.
A
3.60
4.40
B
6.90
7.60
C
13.00
16.50
D
7.20
8.50
F
0.65
0.88
G
1.00
1.42
H
4.52
4.62
J
1.14
1.50
K
0.90
1.50
L
0.45
0.60
M
2.92
3.40
N
2.00
2.70
Unit: mm
A
12
3
D
C
H
F
G
L
J
K
M
N
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com