Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOP246 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # TOP246
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP246 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button TOP246 Datasheet HTML 17Page - Power Integrations, Inc. TOP246 Datasheet HTML 18Page - Power Integrations, Inc. TOP246 Datasheet HTML 19Page - Power Integrations, Inc. TOP246 Datasheet HTML 20Page - Power Integrations, Inc. TOP246 Datasheet HTML 21Page - Power Integrations, Inc. TOP246 Datasheet HTML 22Page - Power Integrations, Inc. TOP246 Datasheet HTML 23Page - Power Integrations, Inc. TOP246 Datasheet HTML 24Page - Power Integrations, Inc. TOP246 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
Rev. R 10/20
21
TOP242-250
www.power.com
A High Efficiency, Enclosed, 70 W, Universal
Adapter Supply
The circuit shown in Figure 42 takes advantage of several
of the TOPSwitch-GX features to reduce cost, power supply
size and increase efficiency. This design delivers 70 W at
19 V, from an 85 VAC to 265 VAC input, at an ambient of
40
°C, in a small sealed adapter case (4”x2.15”x1”). Full
load efficiency is 85% at 85 VAC rising to 90% at 230 VAC
input.
Due to the thermal environment of a sealed adapter, a
TOP249Y is used to minimize device dissipation. Resistors
R9 and R10 externally program the current limit level to
just above the operating peak DRAIN current at full load
and low line. This allows the use of a smaller transformer
core size without saturation during start-up or output load
transients. Resistors R9 and R10 also reduce the current
limit with increasing line voltage, limiting the maximum
overload power at high input line voltage, removing the
need for any protection circuitry on the secondary. Resistor
R11 implements an undervoltage and overvoltage sense as
well as providing line feed-forward for reduced output line
frequency ripple. With resistor R11 set at 2 M
Ω, the power
supply does not start operating until the DC rail voltage
reaches 100 VDC. On removal of the AC input, the UV
sense prevents the output glitching as C1 discharges,
turning off the TOPSwitch-GX when the output regulation is
lost or when the input voltage falls to below 40 V, whichever
occurs first. This same value of R11 sets the OV threshold
to 450 V. If exceeded, for example during a line surge,
TOPSwitch-GX stops switching for the duration of the
surge, extending the high voltage withstand to 700 V
without device damage. Capacitor C11 has been added in
parallel with VR1 to reduce Zener clamp dissipation. With
a switching frequency of 132 kHz, a PQ26/20 core can be
used to provide 70 W. To maximize efficiency, by reducing
winding losses, two output windings are used each with
their own dual 100 V Schottky rectifier (D2 and D3). The
frequency reduction feature of the TOPSwitch-GX eliminates
any dummy loading to maintain regulation at no load and
reduces the no-load consumption of the power supply to
only 520 mW at 230 VAC input. Frequency jittering provides
conducted EMI meeting the CISPR 22 (FCC B) / EN55022B
specification, using simple filter components (C7, L2, L3 and
C6), even with the output earth grounded.
To regulate the output, an optocoupler (U2) is used with a
secondary reference sensing the output voltage via a
resistor divider (U3, R4, R5, R6). Diode D4 and C15 filter
and smooth the output of the bias winding. Capacitor C15
(1
µF) prevents the bias voltage from falling during zero to
full load transients. Resistor R8 provides filtering of leakage
inductance spikes, keeping the bias voltage constant even
at high output loads.
19 V
@ 3.6 A
TOP249Y
U1
U3
TL431
U2
PC817A
DL
SX
F
C
RTN
L2
820 H
2A
C6
0.1 F
X2
F1
3.15 A
BR1
RS805
8A 600 V
L3
75 H
2A
t
T1
C13
0.33 F
400 V
C12
0.022 F
400 V
C11
0.01 F
400 V
RT1
10
1.7 A
PI-2691-042203
All resistors 1/8 W 5% unless otherwise stated.
J1
L
N
CONTROL
CONTROL
TOPSwitch-GX
C1
150 F
400 V
PERFORMANCE SUMMARY
Output Power:
70 W
Regulation:
4%
Efficiency:
84%
Ripple:
120 mV pk-pk
No Load Consumption:
0.52 W @ 230 VAC
C5
47 F
16 V
C3
820 F
25 V
L1
200 H
C2
820 F
25 V
C14
0.1 F
50 V
C4
820 F
25 V
C10
0.1 F
50 V
C9
4.7 nF 50 V
C8
0.1 F
50 V
VR1
P6KE-
200
D2
MBR20100
C7 2.2 nF
Y1 Safety
D3
MBR20100
D4
1N4148
R11
2 M
1/2 W
R9
13 M
R8
4.7
R1
270
R2
1 k
R5
562
1%
R4
31.6 k
1%
R7
56 k
R10
20.5 k
R3
6.8
R6
4.75 k
1%
C15
1 F
50 V
D1
UF4006
Figure 42. 70 W Power Supply using Current Limit Reduction with Line and Line Sensing for UV and OV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com