Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOP246 Datasheet(PDF) 40 Page - Power Integrations, Inc.

Part # TOP246
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP246 Datasheet(HTML) 40 Page - Power Integrations, Inc.

Back Button TOP246 Datasheet HTML 36Page - Power Integrations, Inc. TOP246 Datasheet HTML 37Page - Power Integrations, Inc. TOP246 Datasheet HTML 38Page - Power Integrations, Inc. TOP246 Datasheet HTML 39Page - Power Integrations, Inc. TOP246 Datasheet HTML 40Page - Power Integrations, Inc. TOP246 Datasheet HTML 41Page - Power Integrations, Inc. TOP246 Datasheet HTML 42Page - Power Integrations, Inc. TOP246 Datasheet HTML 43Page - Power Integrations, Inc. TOP246 Datasheet HTML 44Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
Rev. R 10/20
40
TOP242-250
www.power.com
Figure 54a. Current Limit vs. X or M Pin Current (see Figures 55a and 56a for TOP245P/G and TOP246P/G).
The following precautions should be followed when
testing TOPSwitch-GX by itself outside of a power
supply. The schematic shown in Figure 53 is suggested
for laboratory testing of TOPSwitch-GX.
When the DRAIN pin supply is turned on, the part will
be in the auto-restart mode. The CONTROL pin voltage
will be oscillating at a low frequency between 4.8 V and
5.8 V and the drain is turned on every eigth cycle of the
CONTROL pin oscillation. If the CONTROL pin power
supply is turned on while in this auto-restart mode, there
is only a 12.5% chance that the CONTROL pin oscillation
will be in the correct state (drain active state) so that the
continuous drain voltage waveform may be observed.
It is recommended that the V
C power supply be turned
on first and the DRAIN pin power supply second if
continuous drain voltage waveforms are to be observed.
The 12.5% chance of being in the correct state is due
to the divide-by-8 counter. Temporarily shorting the
CONTROL pin to the SOURCE pin will reset TOPSwitch-GX,
which then will come up in the correct state.
BENCH TEST PRECAUTIONS FOR EVALUATION OF ELECTRICAL CHARACTERISTICS
Typical Performance Characteristics
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
60
40
80
100
120
140
160
180
200
-250
-200
-150
-100
-50
IX or IM (µA)
PI-2653-033015
0
Scaling Factors:
TOP242 P/G/Y/R/F: .45
TOP243 P/G:
.75
TOP243 Y/R/F:
.90
TOP244 P/G:
1
TOP244 Y/R/F:
1.35
TOP245 Y/R/F:
1.80
TOP246 Y/R/F:
2.70
TOP247 Y/R/F:
3.60
TOP248 Y/R/F
4.50
TOP249 Y/R/F:
5.40
TOP250 Y/R/F:
6.32
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
60
40
80
100
120
140
160
180
200
05K
10K
15K
20K
25K
30K
35K
40K
External Current Limit Resistor RIL (Ω)
PI-2652-042303
45K
Maximum and minimum levels
are based on characterization.
Minimum
Typical
Maximum
Scaling Factors:
TOP242 P/G/Y/R/F: .45
TOP243 P/G:
.75
TOP243 Y/R/F:
.90
TOP244 P/G:
1
TOP244 Y/R/F:
1.35
TOP245 Y/R/F:
1.80
TOP246 Y/R/F:
2.70
TOP247 Y/R/F:
3.60
TOP248 Y/R/F
4.50
TOP249 Y/R/F:
5.40
TOP250 Y/R/F:
6.32
Figure 54b. Current Limit vs. External Current Limit Resistance (see Figures 55b and 56b for TOP245P/G
and TOP246P/G).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com