Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFS7635H Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # PFS7635H
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7635H Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button PFS7635H Datasheet HTML 17Page - Power Integrations, Inc. PFS7635H Datasheet HTML 18Page - Power Integrations, Inc. PFS7635H Datasheet HTML 19Page - Power Integrations, Inc. PFS7635H Datasheet HTML 20Page - Power Integrations, Inc. PFS7635H Datasheet HTML 21Page - Power Integrations, Inc. PFS7635H Datasheet HTML 22Page - Power Integrations, Inc. PFS7635H Datasheet HTML 23Page - Power Integrations, Inc. PFS7635H Datasheet HTML 24Page - Power Integrations, Inc. PFS7635H Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Rev. F 08/20
21
PFS7x23-7x29/7633-7636
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
-40 °C < T
J(C) < 125 °C (Note C)
(Unless Otherwise Specified)
Pin
Min
Typ
Max
Units
Currents
Undervoltage Current
Consumption After
Power-Up of Core and
Zeners
I
CC(UVLO)
V
CC < UVLO+(min)
V = 1 V, C = 0 V, FB = 3.85 V
0 °C < T
J(C) < 100 °C
VCC
140
mA
Standby Current
Consumption – No
Switching Prior to
Brown-In
I
CC(STBY)
V = 1 V, C = 0 V, FB = 3.85 V
0 °C < T
J(C) < 100 °C
VCC
320
mA
Current Consumption
– in Burst Mode,
No Switching
I
CC(BURST)
FB = 3.85 V, C < V
ERR_MIN
V = 1.414 V
0 °C < T
J(C) < 100 °C
VCC
395
470
mA
Absolute Maximum Ratings1,2
DRAIN Pin Peak Current: PFS7623/PFS7633H/L ........................7.5 A
PFS7624/PFS7634H/L ....................... 9.0 A
PFS7625/PFS7635H/L ......................11.3 A
PFS7626/PFS7636H/L ......................13.5 A
PFS7627H/L ....................................15.8 A
PFS7628H/L ....................................18.0 A
PFS7629H/L ....................................21.0 A
PFS7623C .........................................7.5 A
PFS7624C ........................................ 9.0 A
PFS7626C .......................................13.5 A
PFS7628C .......................................18.0 A
PFS7723............................................7.5 A
PFS7724........................................... 9.0 A
PFS7725..........................................11.3 A
PFS7726..........................................13.5 A
PFS7727..........................................15.8 A
PFS7728..........................................18.0 A
PFS7729..........................................21.0 A
DRAIN Pin Voltage ...................................................-0.3 V to 600 V
VCC3 Pin Voltage ..................................................... -0.3 V to 17.5 V
PG ......................................................................... -0.3 V to 17.5 V
PG Pin Current.......................................................................10 mA
V, PGT, FB, C, REF Pin Voltage ...................................-0.3 V to 5.6 V
Storage Temperature .............................................-65 °C to 150 °C
Junction Temperature4 ............................................-40 °C to 150 °C
Lead Temperature5................................................................ 260 °C
NOTES:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Maximum ratings specified may be applied one at a time without
causing permanent damage to the product. Exposure to Absolute
Maximum Ratings conditions for extended periods of time may
affect product reliability.
3. The absolute maximum rating of the VCC is 17.5 V. This is an
absolute maximum condition that must not be exceeded.
Voltages between the max operating voltage (15 V) and this abs
max rating should be very infrequent and short in duration (e.g.
at start-up or temporary fault conditions). It is not intended as a
guarantee of the reliability of the product up to the absolute
maximum rating, but is a guideline as to the level of applied voltage
above which there is a risk of immediate damage to the product.
4. Normally limited by internal circuitry. Applies to Controller T
J(C)
and MOSFET T
J(M).
5. 1/16” from case for 5 seconds.
Thermal Resistance
Thermal Resistance: H/L Package:
(q
JA)
1
...................................................... 103 °C/W
(q
JC) ...............................................(see Figure 19)
C Package:
(q
JA)
2
....................................................... 63 °C/W
(q
JC) .............................................. (see Figure 20)
Notes:
1. Measured without heat sink in still air.
2. Measured with 1.0 sq. in. PCB heat sink.
Qspeed Diode
PFS7723-7729
Peak Repetitive Reverse Voltage (VRRM)
600 V
Average Forward Current IF(AV)
T
J(D) = 150 °C
3 A
Non-Repetitive Peak Surge Current (IFSM)
60 Hz, ½ cycle
23 A
Non-Repetitive Peak Surge Current (IFSM)
½ cycle of t = 28 ms Sinusoid, T
C = 25 °C
350 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com