Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFS7635H Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # PFS7635H
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7635H Datasheet(HTML) 4 Page - Power Integrations, Inc.

  PFS7635H Datasheet HTML 1Page - Power Integrations, Inc. PFS7635H Datasheet HTML 2Page - Power Integrations, Inc. PFS7635H Datasheet HTML 3Page - Power Integrations, Inc. PFS7635H Datasheet HTML 4Page - Power Integrations, Inc. PFS7635H Datasheet HTML 5Page - Power Integrations, Inc. PFS7635H Datasheet HTML 6Page - Power Integrations, Inc. PFS7635H Datasheet HTML 7Page - Power Integrations, Inc. PFS7635H Datasheet HTML 8Page - Power Integrations, Inc. PFS7635H Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Rev. F 08/20
4
PFS7x23-7x29/7633-7636
www.power.com
the SIGNAL GROUND (G) pin. The SIGNAL GROUND pin is also
connected to the tab of the device. The SIGNAL GROUND pin should
not be tied directly to the SOURCE pin external to the IC.
VOLTAGE MONITOR (V) Pin
The VOLTAGE MONITOR pin is tied to the rectified high-voltage DC
rail through a 100:1, 1% high-impedance resistor divider to minimize
power dissipation and standby power consumption. The recommended
resistance value is between 8 MW and 16 MW. Changing this divider
ratio affects peak power limit, brown-in/out thresholds and will
degrade input current quality (reduce power factor and increase
THD). A small ceramic capacitor forming an 80 ms nominal time-
constant must be connected between the VOLTAGE MONITOR pin to
the SIGNAL GROUND pin to bypass any switching noise present on
the rectified DC bus.
This pin also features brown-in/out detection thresholds and
incorporates a weak current source that acts as a pull-down in the
event of an open circuit condition.
COMPENSATION (C) Pin
This pin is used for loop pole/zero compensation of the OTA error
amplifier via the connection of a network of capacitors and a resistor
between the COMPENSATION pin and SIGNAL GROUND pin. The
COMPENSATION pin connects internally to the output of the OTA
error amplifier and the input to the on-time and off-time controllers.
FEEDBACK (FB) Pin
This pin is connected to the main voltage regulation feedback resistor
divider network and is also used for fast over and undervoltage
protection. This pin also detects the presence of the feedback
voltage divider network at start-up and during operation. The divider
ratio should be the same as the VOLTAGE MONITOR pin for proper
and optimized power limit and power factor. A large upper resistor
between 8 MW and 16 MW ±1% is recommended. A small ceramic
capacitor between FEEDBACK and SIGNAL GROUND, forming a
nominal 80 ms time-constant with the bottom resistor, is required.
POWER GOOD (PG) Pin
Use of the PG function is optional. The POWER GOOD pin is an
active low, open-drain connection which sinks current when the
output voltage is in regulation. At start-up, once the FEEDBACK pin
voltage has risen to ~95% of the internal reference voltage, the
POWER GOOD pin is asserted low.
After start-up, the output voltage threshold at which the PG signal
becomes high-impedance depends on the threshold programmed by
the POWER GOOD THRESHOLD pin resistor. When not used, the
POWER GOOD pin is left unconnected.
POWER GOOD THRESHOLD (PGT) Pin
This pin is used to program the output voltage threshold at which the
PG signal becomes high-impedance representing the PFC stage falling
out of regulation. The low threshold for the PG signal is programmed
with a resistor between the POWER GOOD THRESHOLD and SIGNAL
GROUND pins. Tying the POWER GOOD THRESHOLD to the
REFERENCE pin disables the power good function (i.e. POWER GOOD
pin remains high impedance).
SOURCE (S) Pins
These pins are the source connection of the power switch as well as
the negative bulk capacitor terminal connection.
DRAIN (D) Pin
This is the drain connection of the internal power switch.
Boost Diode Cathode (K) Pin
This is the cathode connection of the internal Qspeed diode.
Figure 3. Pin Configuration.
Pin 1 I.D.
Pin 1 I.D.
G
G
PI-8616-081320
Note pin 16 is NC for PFS76xx and K pin for PFS772x.
H Package (eSIP-16D)
(Front View)
C Package (InSOP-24B)
(Top View)
C Package (InSOP-24B)
(Bottom View)
H Package (eSIP-16D)
(Back View)
L Package (eSIP-16G)
(Front View)
16
16
13
13
14
14
11
11
9
9
10
10
8
8
1
1
3
3
4
4
5
5
6
6
7
7
Exposed Pad (Backside of
Both H and L Packages)
Internally Connected to
GROUND (G) Pin
1
3
4
5
6
7
8
9
10
11
13
14
16
Exposed Pad
(Backside)
Not Shown
Exposed Pad
Connected to
DRAIN (D) Pin
NC 13
NC 14
NC 15
D 16-19
S 24
12 G
11 NC
10 NC
9 NC
8 PGT
7 PG
6 FB
5 C
4 V
3 REF
2 G
1 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com