| Electronic Components Datasheet Search |
|
DASYLAB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DASYLAB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 5 page ![]() Measurement Computing (508) 946-5100 1 info@mccdaq.com mccdaq.com USB-2020 Measurement Computing (508) 946-5100 1 info@mccdaq.com mccdaq.com 12-bit, 20 MS/s, Simultaneous-Sampling, Ultra High-Speed USB Board Overview The USB-2020 is a high-speed two-channel data acquisition board that provides simultaneous sampling at rates up to 20 MS/s per channel. Users can sample data from both channels at an overall rate of 40 MS/s to the 64 megasample onboard memory, or continuously stream data to a host computer at up to 8 MS/s for one or both channels over a high-speed USB connection. Each channel has its own A/D converter for simultaneous sampling to eliminate channel skew and ensure phase information between channels is maintained. Flexible triggering and gating ensures data is acquired when needed. The clock I/O input allows acquisitions to be controlled by the onboard clock or by an external clock source for applications that require user-supplied pacing. The board provides signal connections through four standard BNC connectors and a 40-pin auxiliary connector. AI Acquisition Modes The USB-2020 can acquire analog data using BURSTIO or continuous scan mode. BURSTIO BURSTIO enables a device to acquire data at higher rates than are supported by the USB data transfer rate. In BURSTIO, the USB-2020 can sample data to onboard memory at rates up to 20 MS/s per channel. BecauseeachchannelhasitsownA/Dcon- verter, an overall sample rate of 40 MS/s is achieved when sampling both channels. The simultaneous sampling eliminates channel skew and maintains phase coher- ence between the two channels. The USB-2020 offers high-speed simultaneous sampling at rates up to 20 MS/s per channel to onboard memory. The memory buffer can store up to 64 megasamples at the maximum rate for transfer to the computer after the acquisi- tion is complete. Continuous Scan Mode Continuous scan mode enables data to be directly transferred to the host computer during acquisition. The maximum rate in continuous scan mode is 8 MS/s for all acquired data (one channel or two channels). The maximum rate achieved depends on the host computer. External Clock I/O USB-2020 analog input scanning opera- tions can be paced with the internal A/D clock or with an external clock source. The CLK IO connector can be configured through software for input (default) for external pacing, or for output to pace a connected device. Trigger Input The USB-2020 supports software-select- able digital and analog triggers and gates. • Digital triggers can be configured for rising or falling edge, or for high or low level. • Analog triggers can be configured for above or below level, or for ris- ing or falling edge with hysteresis. • Digital gates can be configured for high or low level. • Analog gates can be configured for software-selectable high or low level, or for in or out of window. An analog scan can have a trigger or a gate, but not both. For example, you cannot use an analog trigger and use the TRIG IN BNC connector to gate at the same time. Features • Two 20 MS/s simultaneous- sampling analog inputs • 12-bit resolution • 64 megasample onboard memory − 40 MS/s overall rate to onboard memory when acquiring from both channels − 8 MS/s throughput to host PC • Analog and digital triggering and gating • Internal or external pacing of analog scans • Eight digital I/O lines • BNC and 40-pin header for signal connections Supported Operating Systems • Windows® 11/10/8/7/ Vista®XP 32/64-bit • Linux® |
Similar Part No. - DASYLAB |
|
Similar Description - DASYLAB |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |