Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  12-bit, 20 MS/s, Simultaneous-Sampling, Ultra High-Speed USB Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Measurement Computing
(508) 946-5100
5
info@mccdaq.com
mccdaq.com
USB-2020
September 2019. Rev 6
USB-2020-data.indd
© Measurement Computing Corporation
External Clock Input/Output
Terminal name: CLK IO (BNC connector)
Terminal type: ADC clock input/output, software-selectable for input or output
(default is input)
Terminal description: When configured for input, receives sampling clock from
external source
When configured for output, outputs the internal sampling clock
Clock rate: 1 kHz to 20 MHz max
Stability: ±50 ppm
Input impedance: 1 MΩ
Input threshold
High: 2.0 V min
Low: 0.8 V max
Maximum rate: 20 MHz
Input range: 0 V to 5.5 V
Clock pulse width: 25 ns min
Input type: 49.9 Ω series resistor
Input high voltage: 2.0 V min
Input low voltage: 0.8 V max
Output high voltage: 2.4 V min
Output low voltage: 0.4 V max
Output current: 24 mA max
Memory
Data FIFO: 64 MS using BURSTIO, 4 kS not using BURSTIO
Non-volatile memory: 32 KB (30 KB firmware storage, 2 KB calibration/user data)
Power
Supply voltage: 9 VDC to 18 VDC (MCC plug-in power supply CB-PWR-9
recommended
Supply current: 0.75 A max (this is the total quiescent current requirement for
the device that includes up to 10 mA for the Status LED. This value does not
include potential loading of the DIO bits or the +VO pin)
Power jack configuration: Two conductor, barrel
Power jack barrel diameter: 6.3 mm
Power jack pin diameter: 2.0 mm
Power jack polarity: Center positive
+VO voltage range: 4.50 V to 5.25 V
+
VO current sourcing: 10 mA max.
Ordering
Environmental
Operating temperature range: 0 °C to 50 °C max
Storage temperature range: –40 °C to 85 °C max
Humidity: 0% to 90% non-condensing max
Mechanical
Dimensions (L × W × H): 142.24 × 180.34 × 38.09 mm (5.6 × 7.1 × 1.5 in.)
Weight: 680 g (1.5 lb)
USB
USB device type: USB 2.0 (high-speed)
Device compatibility: USB 2.0
USB cable type: A-B cable, UL type AWM 2527 or equivalent
(min 24 AWG VBUS/GND, min 28 AWG D+/D–)
USB cable length: 3 m (9.84 ft) max
Signal I/O Connectors
USB: B type
Auxiliary connector (J9): 40-pin header connector
Compatible cables for the 40-pin auxiliary connector: C40FF-x and C40-37F-x
Compatible accessory products with the C40FF-x cable: CIO-MINI40
Compatible accessory products with the C40-37F-x cable: CIO-MINI37 and
SCB-37
BNC Connectors
CH0:Analog input channel 0
CH1:Analog input channel 1
TRIG IN: BNC connection for external digital trigger (also available on the auxiliary
connector J9)
CLK IO: BNC connection for the ADC clock I/O, software-selectable for input
or output
Order Information
Hardware
Part No.
Description
USB-2020
Ultra high-speed, simultaneous sampling USB DAQ
board with 2 SE analog inputs, 20 MS/s throughput
to internal memory, analog/digital triggers and
gates, clock I/O, and 8 digital I/O lines. Includes
power supply (MCC p/n CB-PWR-9), USB cable, and
standoffs.
Accessories & Cables
Part No.
Description
C40FF-x
40-conductor ribbon cable, female to female (x = 1, 2,
3, 4, 5, 10, 15, 20, 25, and 50 foot lengths)
CIO-MINI40
Universal 40-pin screw-terminal board, connects via a
C40FF-x cable
C40-37F-x
40-pin ribbon cable, female IDC to 37-pin female
D shell (x = 1, 2, 3, 4, 5, 10, 15, 20, 25, and 50 foot
lengths)
CIO-MINI37
Universal 37-pin screw-terminal board, connects via a
C40-37F-x cable
SCB-37
Shielded 37-pin signal connection box, connects via a
C40-37F-x cable
Software also Available from MCC
Part No.
TracerDAQ Pro
DASYLab
Description
Out-of-the-box virtual instrument suite with strip
chart, oscilloscope, function generator, and rate
generator – professional version
Icon-based data acquisition, graphics, control, and
analysis software



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com