Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

341-059-500-101 Datasheet(PDF) 3 Page - EDAC, All Rights Reserved.

Part # 341-059-500-101
Description  Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

341-059-500-101 Datasheet(HTML) 3 Page - EDAC, All Rights Reserved.

  341-059-500-101 Datasheet HTML 1Page - EDAC, All Rights Reserved. 341-059-500-101 Datasheet HTML 2Page - EDAC, All Rights Reserved. 341-059-500-101 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.edac.net
customerservice@edac.net
Card Edge Connectors 0.100” (3.96mm) Pitch
341/391 SERIES
.120
CONTACT CODE 556
A
.125 (3.18) TO .185 (4.70)
OUTSIDE TAILS
BETWEEN TAILS
.045 (1.14) TO .060 (1.52)
(2.41)
BEND USES WIRE HOLE
CONTACT CODE 555
.045 (1.14) TO .060 (1.52)
BETWEEN TAILS
A
.125 (3.18) TO .210 (5.33)
OUTSIDE TAILS
CONTACT CODE 560
OUTSIDE TAILS
.125 (3.18) TO .210 (5.33)
BETWEEN TAILS
.045 (1.14) TO .060 (1.52)
A
.165
MOUNTING OPTION
CODES x07 & xO8
CONNECTOR
DIMENSION
"B"
#4-40 UNC
THREADED
CODE x08
M3-0.5 METRIC
CODE x07
CODE x03
MOUNTING OPTION
DIMENSION
CONNECTOR "B"
FLOATING EYELETS
.116 (2.95) I.D.
.005 (0.51) VERTICAL FLOAT
CODES x02 and xO4
MOUNTING OPTION
.250 (6.35) DIA
CONNECTOR
DIMENSION "B"
.010 (0.25) RADIAL FLOAT
DIA THROUGH HOLES
A
CODE x01
MOUNTING OPTION
"C"
DIMENSION
CONNECTOR
NO MOUNTING LUGS
M3-0.5(METRIC)
CODE X07 AND X08- THREADED INSERTS
CODE X02 AND X04- THROUGH MTG. HOLES
INSERT
"A" DIA.
CODE X07
0.128(3.25)
CODE X02
CODE X08
#4-40 UNC
0.156(3.96)
CODE X04
.328(8.33)
INSERTS
(3.05)
(4.19)
.095
CONTACTS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com