Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

341-059-500-101 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 341-059-500-101
Description  Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

341-059-500-101 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  341-059-500-101 Datasheet HTML 1Page - EDAC, All Rights Reserved. 341-059-500-101 Datasheet HTML 2Page - EDAC, All Rights Reserved. 341-059-500-101 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
•
0.156” (3.96mm) contact spacing x 0.200” (5.08mm) row spacing
•
Accepts 0.062” (1.57mm) nominal thickness P.C. board
•
Low profile insulator body, 0.473” (12.01mm)
•
Contact termination 0.045” (1.14mm) square wire wrap
•
Single or dual row configurations
•
Large variety of mounting options
•
Pre-assembled card guides available
•
Accepts between contact and in-contact polarizing keys
•
RoHS Compliant
Mounting Options:
Description:
01
No Mounting Lug
02
Ø.128" (Ø3.25mm) Mounting Holes
03
Ø.116" (Ø2.95mm) I.D. Floating Eyelets
04
Ø.156" (Ø3.96mm) Mounting Holes
07
M3-0.5 Metric Threaded Inserts
08
#4-40 Unified Threaded Inserts
58
.468" (11.89mm) Offset Card Guides
Series:
Insulator Color:
341
Green
391
Black
Total Number of Contacts:
Contact Rows:
005, 006, . . . . 060
Single Row
010, 012, . . . . 120
Dual Row
Contact Code:
Tail Description:
Tail Size:
Tail Length “G”:
500
Wire Hole
.050 x .013 (1.27 x 0.33)
.220 (5.59)
520
P.C. Tail
.025 x .013 (0.64 x 0.33)
.125 (3.18)
521
P.C. Tail
.025 x .013 (0.64 x 0.33)
.260 (6.60)
522
P.C. Tail
.025 x .013 (0.64 x 0.33)
.375 (9.53)
524
P.C. Tail
.025 x .013 (0.64 x 0.33)
.100 (2.54)
555
Extender Board Bend
(Code 500 Contacts)
556
Extender Board Bend
(Code 521 Contacts)
Contact Rows:
Description:
1
Single Row
2
Dual Row
Mounting Options:
Description:
01
No Mounting Lug
02
Ø.128” (Ø3.25mm) Mounting Holes
03
Ø.116" (Ø2.95mm) I.D. Floating Eyelets
04
Ø.156" (Ø3.96mm) Mounting Holes
07
M3-0.5 Metric Threaded Inserts
08
#4-40 Unified Threaded Inserts
Insulator Material
UL 94V-0 Thermoplastic Polyester
Contact Material
Copper Alloy
Contact Plating
Gold Plating on mating area and Tin Plating on tails with Nickel underplating all over
Current Rating
3 amps
Contact Resistance
10 milliohms maximum
Dielectric Withstanding Voltage
1200 V AC rms at sea level between adjacent contacts
Insulation Resistance
5000 megaohms minimum
Operating Temperature
-40°C to +105°C
Insertion Force
16 oz (4.45 N) maximum per contact pair when tested with .070” (1.78mm) thick gauge
Withdrawal Force
1 oz (0.28 N) minimum per contact pair when tested with .054” (1.37mm) thick gauge
Card Edge Connectors 0.100” (3.96mm) Pitch
341/391 SERIES
341-062-520-202
Series
Total Number of Contacts
Contact Code
Contact Rows
Mounting Options
Example Part Number:
Ordering Code Notes:
1) All connector sizes up to 60 contacts single row / 120
contacts dual row are available upon request.
2) The 500 contact code is only available in the 341 series.
Green Diallyl Phthalate insulator material will be supplied.
3) For details of the extender board bends refer to next pages.
4) For details of the mounting options refer to page 3.


Similar Part No. - 341-059-500-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
341-059-500-101 EDAC-341-059-500-101 Datasheet
166Kb / 3P
341 Series,Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
More results

Similar Description - 341-059-500-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
341-240-318 EDAC-341-240-318 Datasheet
105Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-500-103 EDAC-341-005-500-103 Datasheet
139Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-520-107 EDAC-341-005-520-107 Datasheet
136Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-521-103 EDAC-341-005-521-103 Datasheet
139Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-522-102 EDAC-341-005-522-102 Datasheet
135Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-524-107 EDAC-341-005-524-107 Datasheet
136Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-006-500-103 EDAC-341-006-500-103 Datasheet
140Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-006-500-107 EDAC-341-006-500-107 Datasheet
137Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-006-500-108 EDAC-341-006-500-108 Datasheet
138Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-006-520-102 EDAC-341-006-520-102 Datasheet
136Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com