Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1501 Datasheet(PDF) 4 Page - ams AG

Part # AS1501
Description  Digital Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1501 Datasheet(HTML) 4 Page - ams AG

  AS1501 Datasheet HTML 1Page - ams AG AS1501 Datasheet HTML 2Page - ams AG AS1501 Datasheet HTML 3Page - ams AG AS1501 Datasheet HTML 4Page - ams AG AS1501 Datasheet HTML 5Page - ams AG AS1501 Datasheet HTML 6Page - ams AG AS1501 Datasheet HTML 7Page - ams AG AS1501 Datasheet HTML 8Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet AS1500/1/2/3
Revision 1.0, Oct 2004
Page 4 of 8
AS1502 / AS1503 – SPECIFICATIONS
VDD = 3V±10% or 5V±10%, VA = VDD, VB = 0V, –40°C
≤ TA ≤ +125°C unless otherwise noted.
ELECTRICAL CHARACTERISTICS – 50k and 100k VERSIONS
Parameter
Symbol
Conditions
Min
Typ12
Max
Unit
DC CHARACTERISTICS RHEOSTAT MODE
TA = 25°C, VDD = 5V, AS1502, Version: 50k
Ω
40
50
60
k
Ω
Nominal Resistance13
RAB
TA = 25°C, VDD = 5V, AS1503, Version: 100k
Ω
80
100
120
k
Ω
Resistance Tempco14
∆RAB/∆T VAB = VDD, Wiper = No Connect
500
ppm/°C
Wiper Resistance
RW
VDD = 5V
20
100
200
Ω
Resistor Differential NL15
R-DNL
RWB, VDD = 5V, VA = No Connect
–1
±1/4
+1
LSB
Resistor Integral NL
R-INL
RWB, VDD = 5V, VA = No Connect
–2
±1/2
+2
LSB
DC CHARACTERISTICS POTENTIOMETER DIVIDER
Resolution
N
8
Bits
VDD = 5.5V TA = 25°C
–4±1+4
LSB
Integral Nonlinearity
INL
VDD = 2.7V TA = 25°C
–4±1+4
LSB
VDD = 5.5V TA = 25°C
–1
±1/4
+1
LSB
Differential Nonlinearity
DNL
VDD = 2.7V TA = 25°C
–1
±1/4
+1
LSB
Voltage Divider Tempco
∆VW /∆T Code = 80H
15
ppm/°C
Full-Scale Error
VWFSE
Code = FFH, VDD = 5.5V
–1
–0.25
0
LSB
Zero-Scale Error
VWZSE
Code = 00H, VDD = 5.5V
0
0.1
1
LSB
RESISTOR TERMINALS
Voltage Range16
VA, B, W
0VDD
V
Capacitance17 Ax, Bx
CA, B
f = 1MHz, Measured to GND, Code = 80H
15
pF
Capacitance Wx
CW
f = 1MHz, Measured to GND, Code = 80H
80
pF
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
VDD = 5V
2.4
V
Input Logic Low
VIL
VDD = 5V
0.8
V
Input Logic High
VIH
VDD = 3V
2.1
V
Input Logic Low
VIL
VDD = 3V
0.6
V
Input Current
IIH, IIL
VIN = 5V or 0V, VDD = 5V
±1
µA
Input Capacitance
CIL
5pF
POWER SUPPLIES
Power Supply Range
VDD
2.7
5.5
V
Supply Current (CMOS)
IDD
VIH = VDD or VIL = 0V, VDD = 5.5V
0.1
1
µA
Supply Current (TTL)18
IDD
VIH = 2.4V or 0.8V, VDD = 5.5V
0.9
4
mA
Power Dissipation
(CMOS)19
PDISS
VIH = VDD or VIL = 0V, VDD = 5.5V
27.5
µW
AS1502, Version: 50k
Ω
-43
tbd.
dB
Power Supply Suppression
Ratio
PSSR
VDD = 5V + 0.5VP
sine wave @ 1kHz
AS1503, Version:
100k
Ω
-48
tbd.
dB
DYNAMIC CHARACTERISTICS20
BW_50k RWB = 50kΩ, VDD = 5V
220
kHz
Bandwidth –3dB
Bandwidth –3dB
BW_100k RWB = 100kΩ, VDD = 5V
110
kHz
Total Harmonic Distortion
THDW
VA = 1VRMS + 2VDC, VB = 2VDC, f = 1kHz
0.003
%
tS_50k
RWB = 50k
Ω, VA = VDD, VB = 0V, ±1% Error
Band
9µs
VW Settling Time
tS_100k RWB = 100kΩ, VA = VDD, VB = 0V, ±1% Error
Band
18
µs
eNWB_50k RWB = 50kΩ, f = 1kHz
20
nV/
√ Hz
Resistor Noise Voltage
eNWB_100
k
RWB = 100k
Ω, f = 1kHz
29
nV/
√ Hz
Table 4: Electrical Characteristics – 50k and 100k Versions
12
Typicals represent average readings at 25°C and VDD = 5V.
13
Wiper is not connected. IAB = 70µA for the 50k
Ω version and 35µA for the 100kΩ version.
14
All Tempcos are guaranteed by design and not subject to production test.
15
Terminal A is not connected. IW = 70µA for the 50k
Ω version and 35µA for the 100kΩ version.
16
Resistor terminals A, B, W have no limitations on polarity with respect to each other.
17
All capacitances are guaranteed by design and not subject to production test. Resistor-terminal capacitance tests are measured with 2.5V
bias on the measured terminal. The remaining resistor terminals are left open circuit.
18
Worst-case supply current consumed when input logic level at 2.4V, standard characteristic of CMOS logic.
19
PDISS is calculated from (IDD×VDD). CMOS logic level inputs result in minimum power dissipation.
20
All dynamic characteristics are guaranteed by design and not subject to production test. All dynamic characteristics use VDD=5V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com