Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1501 Datasheet(PDF) 1 Page - ams AG

Part # AS1501
Description  Digital Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1501 Datasheet(HTML) 1 Page - ams AG

  AS1501 Datasheet HTML 1Page - ams AG AS1501 Datasheet HTML 2Page - ams AG AS1501 Datasheet HTML 3Page - ams AG AS1501 Datasheet HTML 4Page - ams AG AS1501 Datasheet HTML 5Page - ams AG AS1501 Datasheet HTML 6Page - ams AG AS1501 Datasheet HTML 7Page - ams AG AS1501 Datasheet HTML 8Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet AS1500/1/2/3
Revision 1.0, Oct 2004
Page 1 of 8
Key Features
-
256-Position
-
Available in four Resistance values
-
AS1500 resistance 10kOhms
-
AS1501 resistance 20kOhms
-
AS1502 resistance 50kOhms
-
AS1503 resistance 100kOhms
-
Power Shutdown —Less than 1 µA
-
3-Wire SPI-Compatible Serial Data Input
-
10 MHz Update Data Loading Rate
-
2.7 V to 5.5 V Single-Supply Operation
-
Temperature Range –40°C to +125°C
-
Package SO-8
-
Compatible to AD8400
General Description
The AS1500 is
a
digital
potentiometer
with
256
programmable steps. The values of the resistor can be
controlled via 3 wire serial interface capable to handle
programming rates up to 10MHz. The AS1500 is available in
four different resistor values. The AS1500 incorporates a
10k
Ω, the AS1501 a 20kΩ, the AS1502 a 50kΩ and the
AS1503 a 100k
Ω fixed resistor. The wiper contact taps the
fixed resistor at points determined by the 8-bit digital code
word. The resistance between the wiper and the endpoint of
the resistor is linear. The switching action is performed in a
way that no glitches occur. Furthermore the AS150x product
family includes a shutdown mode, where it consumes less
than 1µA. The AS150x is available in an 8-pin SOIC
package. All parts are guaranteed to operate over the
extended industrial temperature range of –40°C to +125°C.
Applications
-
Line Impedance Matching
-
Volume Control, Panning
-
Mechanical Potentiometer Replacement
-
Power Supply Adjustment
-
Programmable Filters, Delays, Time Constants
Figure 1
Pinout andfunctional Block Diagram of Digital Potentiometer AS150x family
PRELIMINARY FACT SHEET
Digital Potentiometer
AS1500/AS1501/AS1502/AS1503
DATASHEET
8-Bit
Latch
10 Bit
Serial
Latch
8
8
SDI
CK
CSN
A
W
B
VDD
GND
AS1500
W
VDD
GND
CSN
7
6
2
3
AS150x
Top View
CK
A
B
SDI
1
4
8
5


Similar Part No. - AS1501

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1501 AMSCO-AS1501 Datasheet
405Kb / 14P
Digital Potentiometer
logo
Power-One
AS1501-7R POWER-ONE-AS1501-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
ams AG
AS1501-T AMSCO-AS1501-T Datasheet
405Kb / 14P
Digital Potentiometer
logo
Astrodyne Corporation
AS15013.5 ASTRODYNE-AS15013.5 Datasheet
489Kb / 2P
150W Single Output Switching Power Supply
More results

Similar Description - AS1501

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844 Datasheet
289Kb / 14P
Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1805 MAXIM-DS1805 Datasheet
614Kb / 10P
Addressable Digital Potentiometer
Rev 0; 4/02
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844_05 Datasheet
260Kb / 14P
Quad Digital Potentiometer
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
Digital Potentiometer
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
Dual Digital Potentiometer
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
Quad Digital Potentiometer
DP7251 COPAL-DP7251 Datasheet
168Kb / 15P
Quad Digital Potentiometer
logo
Maxim Integrated Produc...
DS1267B MAXIM-DS1267B Datasheet
413Kb / 13P
Dual Digital Potentiometer
19-6589; Rev 1; 1/14
DS1868B MAXIM-DS1868B Datasheet
423Kb / 13P
Dual Digital Potentiometer
19-6593; Rev 1; 1/14
DS1844 MAXIM-DS1844 Datasheet
265Kb / 14P
Quad Digital Potentiometer
053105
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com