Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

745-059-520-106 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 745-059-520-106
Description  745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

745-059-520-106 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  745-059-520-106 Datasheet HTML 1Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.645 16.38
0.100 2.54
0.300 7.62
0.260
Point of Contact
6.60
0.550 13.97
6.160 156.46
0.350 8.89
Thick P.C. Board
Card Slot Accepts
.054 (1.37) to .070 (1.78)
Contact Information
520-P.C. Tail, Regular Point - Tail LG.=.190(4.83)
.100" (2.54mm) Contact Spacing x .200" (5.08mm) Row Spacing
ACAD REFERENCE NO.
TORONTO, ONTARIO
YOUR CONNECTION TO QUALITY & SERVICE
EDAC INC
CANADA
CHECKED:
THESE DRAWINGS AND SPECIFICATIONS
ARE THE PROPERTY OF EDAC INC.,AND
SHALL NOT BE REPRODUCED,OR COPIED
OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS
WITHOUT WRITTEN PERMISSION.
SCALE:
DRAWING NUMBER
DRAWN:
DATE:
ISSUE
SHEET
DATE:
ISSUE NUMBER
ORIGINAL
1
THIS IS A C.A.D. GENERATED DRAWING
DO NOT MAKE MANUAL REVISIONS TO MASTER.
OF
745 Series Ultra-Mate Card Edge Connector - Press Fit
Part Number: 745-059-520-106
745-ENG MASTER
745-ENG MASTER
J.LEE
MAY 04/09
1
1
2


Similar Part No. - 745-059-520-106

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
745-059-520-101 EDAC-745-059-520-101 Datasheet
108Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
More results

Similar Description - 745-059-520-106

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
745-040-541-106 EDAC-745-040-541-106 Datasheet
96Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-041-522-101 EDAC-745-041-522-101 Datasheet
97Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-041-545-106 EDAC-745-041-545-106 Datasheet
97Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-042-541-106 EDAC-745-042-541-106 Datasheet
98Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-042-545-106 EDAC-745-042-545-106 Datasheet
98Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-043-520-101 EDAC-745-043-520-101 Datasheet
98Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-043-545-106 EDAC-745-043-545-106 Datasheet
98Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-044-520-101 EDAC-745-044-520-101 Datasheet
99Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-044-522-101 EDAC-745-044-522-101 Datasheet
99Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-SERIES EDAC-745-SERIES Datasheet
256Kb / 2P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com