Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

745-059-520-101 Datasheet (PDF) - EDAC, All Rights Reserved.

745-059-520-101 Datasheet PDF - EDAC, All Rights Reserved.
Part # 745-059-520-101
Download  745-059-520-101 Download
File Size   108.63 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing

745-059-520-101 Datasheet (PDF)

Go To PDF Page Download Datasheet
745-059-520-101 Datasheet PDF - EDAC, All Rights Reserved.

Part # 745-059-520-101
Download  745-059-520-101 Click to download

File Size   108.63 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing

745-059-520-101 Datasheet (HTML) - EDAC, All Rights Reserved.


745-059-520-101 Product details

Features

  • .100" (2.54mm) Contact spacing x .200" (5.08mm) row spacing
  • Accepts .062" (1.57mm) nominal thickness P.C. board
  • High profile insulator body, .645(16.38) with notched ends Option
  • Contact termination options include P.C. tail, and .025" (0.64mm) square wire wrap
  • Press-Fit compliant section for gas tight reliable connection in plated through holes eliminates soldering operations
  • Single or dual row configurations
  • Accepts between contact and In-Contact polarizing keys (Special features if requested)
  • Tools available for insulator and contact removal. Simple "Flat Rock" tooling is used for connector installation.
  • RoHS Compliant & UL Certified




Similar Part No. - 745-059-520-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
745-059-520-106 EDAC-745-059-520-106 Datasheet
108Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
More results


Similar Description - 745-059-520-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
745-040-541-106 EDAC-745-040-541-106 Datasheet
96Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-041-522-101 EDAC-745-041-522-101 Datasheet
97Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-041-545-106 EDAC-745-041-545-106 Datasheet
97Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-042-541-106 EDAC-745-042-541-106 Datasheet
98Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-042-545-106 EDAC-745-042-545-106 Datasheet
98Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-043-520-101 EDAC-745-043-520-101 Datasheet
98Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-043-545-106 EDAC-745-043-545-106 Datasheet
98Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-044-520-101 EDAC-745-044-520-101 Datasheet
99Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-044-522-101 EDAC-745-044-522-101 Datasheet
99Kb / 1P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
745-SERIES EDAC-745-SERIES Datasheet
256Kb / 2P
745 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) | 0.200" (5.08mm) Row Spacing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com