Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WWP3JB2K00 Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # WWP3JB2K00
Description  Pulse Withstanding Wirewound Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

WWP3JB2K00 Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  WWP3JB2K00 Datasheet HTML 1Page - Stackpole Electronics, Inc. WWP3JB2K00 Datasheet HTML 2Page - Stackpole Electronics, Inc. WWP3JB2K00 Datasheet HTML 3Page - Stackpole Electronics, Inc. WWP3JB2K00 Datasheet HTML 4Page - Stackpole Electronics, Inc. WWP3JB2K00 Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev Date: 5/24/2021
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
WWP Series
Pulse Withstanding Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined i
n the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU D
irective 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
1
2
3
4
5
6
7
8
9
10
W
W
P
5
J
T
1
0
0
R
Resistance Value
Code
Description
Code
W
Code
Tol
Code Description
Size
Quantity
3
3
J
5%
3
2000
5
5
K
10%
5, 7
500
7
7
10
250
10
10
0.1 ohm = R100
100 ohm = 100R
2 Kohm = 2K00
Four characters with
the multiplier used as
the decimal holder.
11" reel
tape
Packaging
Power Rating
WWP
Product Series
Pulse
Withstanding
Wirewound
T
Tolerance
Non-Inductive
Pulse
Withstanding
Wirewound
NWWP
Contact Stackpole for
package quantities
Bulk
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com