Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WWP3JB2K00 Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # WWP3JB2K00
Description  Pulse Withstanding Wirewound Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

WWP3JB2K00 Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  WWP3JB2K00 Datasheet HTML 1Page - Stackpole Electronics, Inc. WWP3JB2K00 Datasheet HTML 2Page - Stackpole Electronics, Inc. WWP3JB2K00 Datasheet HTML 3Page - Stackpole Electronics, Inc. WWP3JB2K00 Datasheet HTML 4Page - Stackpole Electronics, Inc. WWP3JB2K00 Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev Date: 5/24/2021
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
WWP Series
Pulse Withstanding Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Packaging Specifications
(1)
(2)
This is a non-critical dimension that does not have a tolerance in the standard.
Dimension "E":
The distance between flanges shall be 0.059 inches (1.50 mm) to 0.315 (8.00 mm) greater than the overall component.
Reference value only. The "A" dimension shall be governed by the overall length of the taped component.
The given dimension "D" expresses the standard width spacing. A 26 mm narrow spacing is available as option "N" packaging code.
Range of diameters is from 0.547 inches (13.90 mm) to 1.500 inches (38.10 mm).
Recommended Lead Free Resistor Reflow Profile
Type / Code
A max
(1)
B max
Tape
Unit
2.880
11.000
0.197 ± 0.020
2.063 ± 0.079
0.250
inches
73.15
279.40
5.00 ± 0.50
52.40 ± 2.00
6.35
mm
3.740
11.000
0.394 ± 0.020
2.874 ± 0.079
0.250
inches
95.00
279.40
10.00 ± 0.50
73.00 ± 2.00
6.35
mm
3.740
11.000
0.394 ± 0.020
2.874 ± 0.079
0.250
inches
95.00
279.40
10.00 ± 0.50
73.00 ± 2.00
6.35
mm
5.100
11.000
0.394 ± 0.020
4.375 ± 0.079
0.250
inches
129.54
279.40
10.00 ± 0.50
111.13 ± 2.00
6.35
mm
WWP10
C
D
(2)
WWP5
WWP3
WWP7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com