Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVLED007 Datasheet(PDF) 10 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button HVLED007 Datasheet HTML 6Page - STMicroelectronics HVLED007 Datasheet HTML 7Page - STMicroelectronics HVLED007 Datasheet HTML 8Page - STMicroelectronics HVLED007 Datasheet HTML 9Page - STMicroelectronics HVLED007 Datasheet HTML 10Page - STMicroelectronics HVLED007 Datasheet HTML 11Page - STMicroelectronics HVLED007 Datasheet HTML 12Page - STMicroelectronics HVLED007 Datasheet HTML 13Page - STMicroelectronics HVLED007 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Application information
HVLED007
10/33
DS12866 Rev 1
Equation 1
Figure 4. Hi-PF QR flyback converter with the traditional TM control: current
waveforms
With the traditional TM control method, the term Ippk (θ), the peak envelope of the primary
current, is sinusoidal (Ippk(θ) = Ippk sin θ). The distortion stems from the term TON / T(θ),
due to the primary current being chopped, which is not constant (TON is constant, T(θ) is
not).
This distortion is prevented if the flyback converter is operated with a fixed switching
frequency in the Discontinuous Conduction Mode (DCM). However, there are a few benefits
in using TM operation that are lost when operating with a fixed frequency (FF): lower
conducted EMI emissions, safer operation under short-circuit conditions, valley-switching or
even true soft-switching (zero-voltage switching, ZVS).
The idea behind the novel TM method is to distort the current reference Vcsref(θ) that
determines Ippk(θ) (Ippk(θ) = Vcsref (θ) / Rs) by a term T(θ) / TON : this cancels out the term
TON / T(θ) introduced by averaging and results in a sinusoidal average primary current, i.e.
in a sinusoidal input current. Then, the control objective can be expressed in the following
terms:
Equation 2
Iin
= 1
2
--- Ip pk

TON
T

------------
T
TON
Vcsref
 = Vcs
x sin 
T

T ON

-------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com