Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVLED007 Datasheet(PDF) 9 Page - STMicroelectronics

Part # HVLED007
Description  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HVLED007 Datasheet HTML 5Page - STMicroelectronics HVLED007 Datasheet HTML 6Page - STMicroelectronics HVLED007 Datasheet HTML 7Page - STMicroelectronics HVLED007 Datasheet HTML 8Page - STMicroelectronics HVLED007 Datasheet HTML 9Page - STMicroelectronics HVLED007 Datasheet HTML 10Page - STMicroelectronics HVLED007 Datasheet HTML 11Page - STMicroelectronics HVLED007 Datasheet HTML 12Page - STMicroelectronics HVLED007 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
DS12866 Rev 1
9/33
HVLED007
Application information
33
4
Application information
4.1
Introduction
The HVLED007 is intended to drive Hi-PF QR flyback converters, an extremely popular
topology in SSL applications because it is very cost-effective and addressable with the
same transition-mode (TM) PFC controllers used for boost PFC stages. However, the TM
control technique that in boost PFC stages theoretically provides a sinusoidal input current
and unity power factor, in Hi-PF QR flyback converters features inherent distortion of the
input current, as depicted in the diagrams of Figure 3.
Figure 3. Input current distortion in Hi-PF QR flyback converters with traditional TM
control: current shape and resulting total harmonic distortion and power factor vs.
Kv (= Vinpk/VR) ratio
Traditionally, to keep current distortion within acceptable limits, the converter is designed to
operate with low Kv (= Vinpk /VR) values, achieved using a large reflected voltage VR = (Npri
/ Nsec) Vout. This, however, requires the use of a power switch (MOSFET) with higher
breakdown voltage.
Additionally PFC controllers intended for boost topology, this being a non-isolated topology,
do not normally have on-board protection functions suitable for a flyback converter and that
therefore need to be implemented with additional external circuits. On the other hand, they
have provisions on board that are little useful in an isolated topology like a flyback (e.g. the
error amplifier).
The HVLED007 addresses these aspects specifically, providing a novel TM control
technique able to provide a sinusoidal input current and unity power factor in flyback
converters as well and protection functions typical of offline flyback controller ICs.
4.2
Input current shaping function - operating principle
In a Hi-PF QR flyback converter powered from an AC line with a sinusoidal voltage Vin (θ) =
Vinpk sin θ, (with θ = 2fline t) the input current is the average of the primary current, which
flows only during the ON-time of the power switch and is a series of triangles separated by
voids corresponding to the OFF-time of the power switch (see current waveforms in
Figure 4). This can be expressed quantitatively as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com