Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VL53L4CD Datasheet(PDF) 8 Page - STMicroelectronics

Part # VL53L4CD
Description  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 4Page - STMicroelectronics VL53L4CD Datasheet HTML 5Page - STMicroelectronics VL53L4CD Datasheet HTML 6Page - STMicroelectronics VL53L4CD Datasheet HTML 7Page - STMicroelectronics VL53L4CD Datasheet HTML 8Page - STMicroelectronics VL53L4CD Datasheet HTML 9Page - STMicroelectronics VL53L4CD Datasheet HTML 10Page - STMicroelectronics VL53L4CD Datasheet HTML 11Page - STMicroelectronics VL53L4CD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
2.2
State machine description
The following figure shows the device state machine.
Figure 5. Device state machine
2.3
Customer manufacturing calibration flow
Up to two calibrations are needed to ensure the best sensor performances. Offset needed in all applications. If a
cover glass is used, cross-talk calibration is needed also.
The detailed procedure is provided in the VL53L4CD Ultra Lite Driver user manual (UM2931).
2.4
Device programming and control
The device physical control interface is I²C, described in Section 3 Control interface.
A software layer (driver) is provided to control the device. This avoids complex I²C register operations with turnkey
functions to start, stop, and read the ranging values.
The driver structure and functions are described in the VL53L4CD ultra lite driver user manual.
2.5
Digital processing and reading the results
Digital processing is the final operation of the ranging sequence that computes, validates or rejects a ranging
measurement.All the processing is performed by the VL53L4CD internal firmware. The software driver allows
reading the results when they are valid.
If the distance cannot be measured (no target or weak signal), a corresponding status error code is generated
and can be read by the host.
A full description of the status errors is provided in the VL53L4CD Ultra Lite Driver user manual (UM2931).
VL53L4CD
State machine description
DS13812 - Rev 5
page 8/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com