Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VL53L4CD Datasheet(PDF) 7 Page - STMicroelectronics

Part # VL53L4CD
Description  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 3Page - STMicroelectronics VL53L4CD Datasheet HTML 4Page - STMicroelectronics VL53L4CD Datasheet HTML 5Page - STMicroelectronics VL53L4CD Datasheet HTML 6Page - STMicroelectronics VL53L4CD Datasheet HTML 7Page - STMicroelectronics VL53L4CD Datasheet HTML 8Page - STMicroelectronics VL53L4CD Datasheet HTML 9Page - STMicroelectronics VL53L4CD Datasheet HTML 10Page - STMicroelectronics VL53L4CD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
2
Functional description
2.1
System functional description
Figure 4. VL53L4CD system functional description shows the system level functional description.
The host customer application controls the VL53L4CD device using a driver called ultra lite driver (ULD). The
ULD contains a set of high level functions that allow control of the VL53L4CD firmware, like initialization, ranging
start/stop, setting the system accuracy.
The driver is a turnkey solution consisting of a set of “C” functions that enable fast development of end-user
applications without the complication of direct multiple register access. The driver is structured in a way that it can
be compiled on any kind of platform through a well abstracted platform layer. The driver package allows the user
to take full advantage of the VL53L4CD capabilities.
A detailed description of the driver is available in the user manual (UM2931).
The firmware fully manages the hardware registers access.
Section 2.2 State machine description details the firmware state machine.
Figure 4. VL53L4CD system functional description
VL53L4CD
Functional description
DS13812 - Rev 5
page 7/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com