Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCDR1045NT101 Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # PCDR1045NT101
Description  SMD Shielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

PCDR1045NT101 Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

  PCDR1045NT101 Datasheet HTML 1Page - Stackpole Electronics, Inc. PCDR1045NT101 Datasheet HTML 2Page - Stackpole Electronics, Inc. PCDR1045NT101 Datasheet HTML 3Page - Stackpole Electronics, Inc. PCDR1045NT101 Datasheet HTML 4Page - Stackpole Electronics, Inc. PCDR1045NT101 Datasheet HTML 5Page - Stackpole Electronics, Inc. PCDR1045NT101 Datasheet HTML 6Page - Stackpole Electronics, Inc. PCDR1045NT101 Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev Date: 08/29/2019
6
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LDRS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Reflow Chart:
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.
Environmental Specifications - General
Environmental Tests
Mechanical Tests
Test
Test Specification
Test Condition
Temperature 85±2°C
Time: 48 ± 2 hours
Tested after 1 hour at room temperature
Temperature -40±2°C
Time: 48 ± 2 hours
Tested after 1 hour at room temperature
Temperature 40±2°C, 90~95% relative humidity
Time: 96 ± 2 hours
Tested after 1 hour at room temperature
Tested after 1 hour at room temperature
First -25°C 30 minutes, then 25°C 10 minutes, last 85°C
30 minutes, as 1 cycle. Go through 5 cycles.
High Temperature Storage Test
No case deformation or change in
appearance.
Δ L/L ≤
10%
Low Temperature Storage Test
Humidity Test
Thermal Shock Test
Test
Test Specification
Test Condition
Vibration Test
Apply frequency 10~55Hz 1.5mm amplitude in each of
perpendicular direction for 2 hours
Shock Resistance
Drop down with 981m/s
2 (100G) shock attitude upon a
rubber block method shock testing machine for
1 time in each of three orientations.
No case deformation or change in
appearance
Δ L/L ≤10%
Solderability Test
Terminal area must have 90%
minimum solder coverage
Product with lead-free terminal
Dip pads in flux then dip in solder pot (SnCuNi) at 245±5°C
for 3 seconds
Resistance to Soldering Heat
No case deformation or change in
appearance
Flux should cover the whole of the sample before heating, then be
preheated for about 2 minutes over temperature of 130~150°C.
immersing to 260±5°C for 10 seconds
Item
Specification
Temperature range: 25±3°C. Humidity: <80% relative humidity.
Recommended product should be used within six months from the time of delivery.
Shelf Storage Conditions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com