Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCDR1045NT101 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # PCDR1045NT101
Description  SMD Shielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

PCDR1045NT101 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  PCDR1045NT101 Datasheet HTML 1Page - Stackpole Electronics, Inc. PCDR1045NT101 Datasheet HTML 2Page - Stackpole Electronics, Inc. PCDR1045NT101 Datasheet HTML 3Page - Stackpole Electronics, Inc. PCDR1045NT101 Datasheet HTML 4Page - Stackpole Electronics, Inc. PCDR1045NT101 Datasheet HTML 5Page - Stackpole Electronics, Inc. PCDR1045NT101 Datasheet HTML 6Page - Stackpole Electronics, Inc. PCDR1045NT101 Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev Date: 08/29/2019
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LDRS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications (LDRS4949)
Electrical Specifications - LDRS2424
Part
Inductance
DCR
Number
µH
(Ω) max.
I sat
I rms
LDRS2424MT4R7
4.7
20%
1KHz, 0.5V
0.036
1.6
2.5
LDRS2424MT6R8
6.8
20%
1KHz, 0.5V
0.052
1.5
2.2
LDRS2424MT100
10
20%
1KHz, 0.5V
0.068
1.3
1.8
LDRS2424MT150
15
20%
1KHz, 0.5V
0.1
1
1.4
LDRS2424MT220
22
20%
1KHz, 0.5V
0.12
0.77
1.3
LDRS2424MT330
33
20%
1KHz, 0.5V
0.18
0.69
1.1
LDRS2424MT470
47
20%
1KHz, 0.5V
0.27
0.59
0.92
LDRS2424MT560
56
20%
1KHz, 0.5V
0.33
0.51
0.85
LDRS2424MT680
68
20%
1KHz, 0.5V
0.39
0.5
0.78
LDRS2424MT101
100
20%
1KHz, 0.5V
0.62
0.42
0.64
Tolerance
Test Condition
IDC (A) max.
Electrical Specifications – LDRS2828(LP)
Part
Inductance
DCR
Number
µH
(Ω) max.
I sat
I rms
LDRS2828MT3R3-LP
3.3
20%
1KHz, 0.5V
0.037
1.6
1.6
LDRS2828MT4R7-LP
4.7
20%
1KHz, 0.5V
0.045
1.5
1.5
LDRS2828MT6R8-LP
6.8
20%
1KHz, 0.5V
0.059
1.3
1.3
LDRS2828MT100-LP
10
20%
1KHz, 0.5V
0.083
1.1
1.1
LDRS2828MT150-LP
15
20%
1KHz, 0.5V
0.13
0.88
0.88
LDRS2828MT220-LP
22
20%
1KHz, 0.5V
0.18
0.75
0.75
LDRS2828MT330-LP
33
20%
1KHz, 0.5V
0.24
0.65
0.65
LDRS2828MT470-LP
47
20%
1KHz, 0.5V
0.34
0.54
0.54
LDRS2828MT560-LP
56
20%
1KHz, 0.5V
0.42
0.5
0.45
Tolerance
Test Condition
IDC (A) max.
Electrical Specifications – LDRS2828(MP)
Part
Inductance
DCR
Number
µH
(Ω) max.
I sat
I rms
LDRS2828MT3R3-MP
3.3
20%
1KHz, 0.5V
0.023
1.8
1.8
LDRS2828MT4R7-MP
4.7
20%
1KHz, 0.5V
0.036
1.6
1.6
LDRS2828MT6R8-MP
6.8
20%
1KHz, 0.5V
0.041
1.5
1.5
LDRS2828MT100-MP
10
20%
1KHz, 0.5V
0.053
1.3
1.3
LDRS2828MT150-MP
15
20%
1KHz, 0.5V
0.084
1
1
LDRS2828MT220-MP
22
20%
1KHz, 0.5V
0.11
0.86
0.86
LDRS2828MT330-MP
33
20%
1KHz, 0.5V
0.16
0.65
0.65
LDRS2828MT470-MP
47
20%
1KHz, 0.5V
0.24
0.57
0.57
LDRS2828MT560-MP
56
20%
1KHz, 0.5V
0.28
0.53
0.6
LDRS2828MT680-MP
68
20%
1KHz, 0.5V
0.31
0.49
0.49
LDRS2828MT101-MP
100
20%
1KHz, 0.5V
0.45
0.35
0.35
Tolerance
Test Condition
IDC (A) max.
Type/Code
D
E
H
I
J
Unit
0.492 ± 0.012
0.217 ± 0.014
0.339
0.118
0.126
0.098
0.339
inches
12.50 ± 0.30
5.50 ± 0.35
8.60
3.00
3.20
2.50
8.60
mm
0.492 ± 0.012
0.256 ± 0.014
0.339
0.118
0.126
0.098
0.339
inches
12.50 ± 0.30
6.50 ± 0.35
8.60
3.00
3.20
2.50
8.60
mm
0.492 ± 0.012
0.295 ± 0.014
0.339
0.118
0.126
0.098
0.339
inches
12.50 ± 0.30
7.50 ± 0.35
8.60
3.00
3.20
2.50
8.60
mm
A
C
LDRS4949…-HP
LDRS4949…-LP
LDRS4949



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com