Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCDR1045NT470 Datasheet(PDF) 7 Page - Stackpole Electronics, Inc.

Part # PCDR1045NT470
Description  SMD Shielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

PCDR1045NT470 Datasheet(HTML) 7 Page - Stackpole Electronics, Inc.

  PCDR1045NT470 Datasheet HTML 1Page - Stackpole Electronics, Inc. PCDR1045NT470 Datasheet HTML 2Page - Stackpole Electronics, Inc. PCDR1045NT470 Datasheet HTML 3Page - Stackpole Electronics, Inc. PCDR1045NT470 Datasheet HTML 4Page - Stackpole Electronics, Inc. PCDR1045NT470 Datasheet HTML 5Page - Stackpole Electronics, Inc. PCDR1045NT470 Datasheet HTML 6Page - Stackpole Electronics, Inc. PCDR1045NT470 Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev Date: 08/29/2019
7
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LDRS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
L
D
R
S
2
8
2
8
M
T
1
0
1
-
H
P
1
2
3
4
5
6
7
8
9
10
11
12
13
P
C
D
R
0
6
2
8
M
T
1
0
1
Code
Code
Quantity
Code
Inductance
6.0x2.8
M
1R1
1.1 uH
7.0x2.8
N
470
47 uH
7.0x3.0
750
101
100 uH
7.0x3.2
500
7.0x4.5
350
10.1x4.5
12.5x5.5
12.5x6.5
12.5x7.5
20%
Tol
Description
1,000
13" Tape and Reel
T
Size
0628, 0728, 0730,
0732, 0745
1275
Product Series
Tolerance
Inductance
Packaging
1045
1255, 1265
PCDR
Code
Dimensions
(mm)
0730
0732
0628
1275
1255
0745
1045
0728
30%
1265
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
Legacy Part Number:
How to Order
RoHS Compliance Status
LDRS
Shielded SMD Power Inductor
SMD
YES
100% Matte Sn
Aug-05
05/31
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series
RoHS
Compliant
Lead-Free Termination
Composition
Lead-Free
Mfg. Effective Date
(Std Product Series)
Lead-Free
Effective Date
Code
(YY/WW)
Dimension (mm)
Code
Code
Quantity
Code
Inductance
Code
Description
6 x 2.8
M
1,000
1R1
1.1 uH
(blank)
Standard
7 x 2.8
N
750
470
47 uH
LP
Low Profile
7 x 3
500
101
100 uH
MP
Mid Profile
7 x 3.2
350
HP
High Profile
10.1 x 4.5
12.5 x 5.5
12.5 x 6.5
12.5 x 7.5
Size
2424, 2828
13" Tape and Reel
4949(LP), 4949
4949 (HP)
Special
T
4949 (LP)
4949
2828 (MP)
4040
2828 (HP)
4040
2424
20%
4949(HP)
2828 (LP)
30%
LDRS
Tol
Description
Size
Code
Product Series
Tolerance
Packaging
Inductance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com