Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCDR1045NT470 Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # PCDR1045NT470
Description  SMD Shielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

PCDR1045NT470 Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  PCDR1045NT470 Datasheet HTML 1Page - Stackpole Electronics, Inc. PCDR1045NT470 Datasheet HTML 2Page - Stackpole Electronics, Inc. PCDR1045NT470 Datasheet HTML 3Page - Stackpole Electronics, Inc. PCDR1045NT470 Datasheet HTML 4Page - Stackpole Electronics, Inc. PCDR1045NT470 Datasheet HTML 5Page - Stackpole Electronics, Inc. PCDR1045NT470 Datasheet HTML 6Page - Stackpole Electronics, Inc. PCDR1045NT470 Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev Date: 08/29/2019
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LDRS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – LDRS2828(HP)
Electrical Specifications – LDRS4040
Part
Inductance
DCR
Number
µH
(Ω) max.
LDRS2828MT1R0-HP
1
20%
1KHz, 0.5V
0.019
2.2
LDRS2828MT2R2-HP
2.2
20%
1KHz, 0.5V
0.021
2
LDRS2828MT3R3-HP
3.3
20%
1KHz, 0.5V
0.023
1.9
LDRS2828MT3R9-HP
3.9
20%
1KHz, 0.5V
0.029
1.85
LDRS2828MT4R7-HP
4.7
20%
1KHz, 0.5V
0.036
1.7
LDRS2828MT5R6-HP
5.6
20%
1KHz, 0.5V
0.039
1.65
LDRS2828MT6R8-HP
6.8
20%
1KHz, 0.5V
0.041
1.6
LDRS2828MT8R2-HP
8.2
20%
1KHz, 0.5V
0.049
1.5
LDRS2828MT100-HP
10
20%
1KHz, 0.5V
0.053
1.4
LDRS2828MT120-HP
12
20%
1KHz, 0.5V
0.071
1.2
LDRS2828MT150-HP
15
20%
1KHz, 0.5V
0.075
1.1
LDRS2828MT180-HP
18
20%
1KHz, 0.5V
0.099
1
LDRS2828MT220-HP
22
20%
1KHz, 0.5V
0.11
0.96
LDRS2828MT270-HP
27
20%
1KHz, 0.5V
0.15
0.85
Tolerance
Test Condition
IDC
(A) max.
Electrical Specifications – LDRS2828(HP) (cont.)
Part
Inductance
DCR
Number
µH
(Ω) max.
LDRS2828MT330-HP
33
20%
1KHz, 0.5V
0.16
0.75
LDRS2828MT390-HP
39
20%
1KHz, 0.5V
0.23
0.7
LDRS2828MT470-HP
47
20%
1KHz, 0.5V
0.24
0.67
LDRS2828MT560-HP
56
20%
1KHz, 0.5V
0.3
0.6
LDRS2828MT680-HP
68
20%
1KHz, 0.5V
0.31
0.59
LDRS2828MT820-HP
82
20%
1KHz, 0.5V
0.424
0.49
LDRS2828MT101-HP
100
20%
1KHz, 0.5V
0.45
0.45
LDRS2828MT121-HP
120
20%
1KHz, 0.5V
0.62
0.4
LDRS2828MT151-HP
150
20%
1KHz, 0.5V
0.65
0.37
LDRS2828MT181-HP
180
20%
1KHz, 0.5V
1.02
0.3
LDRS2828MT221-HP
220
20%
1KHz, 0.5V
1.05
0.29
LDRS2828MT271-HP
270
20%
1KHz, 0.5V
1.53
0.24
LDRS2828MT331-HP
330
20%
1KHz, 0.5V
1.67
0.22
LDRS2828MT391-HP
390
20%
1KHz, 0.5V
1.99
0.21
LDRS2828MT471-HP
470
20%
1KHz, 0.5V
2.05
0.2
LDRS2828MT561-HP
560
20%
1KHz, 0.5V
3.1
0.17
LDRS2828MT681-HP
680
20%
1KHz, 0.5V
3.15
0.16
LDRS2828MT821-HP
820
20%
1KHz, 0.5V
4.5
0.14
LDRS2828MT102-HP
1000
20%
1KHz, 0.5V
4.78
0.13
Tolerance
Test Condition
IDC
(A) max.
Part
Inductance
DCR
Number
µH
(Ω) max.
LDRS4040MT1R0
1
20%
1KHz, 0.5V
0.012
7.8
LDRS4040MT1R5
1.5
20%
1KHz, 0.5V
0.014
5.8
LDRS4040MT2R2
2.2
20%
1KHz, 0.5V
0.015
5.6
LDRS4040MT3R3
3.3
20%
1KHz, 0.5V
0.016
5.1
LDRS4040MT3R9
3.9
20%
1KHz, 0.5V
0.018
4.1
LDRS4040MT4R7
4.7
20%
1KHz, 0.5V
0.02
3.7
LDRS4040MT5R6
5.6
20%
1KHz, 0.5V
0.022
3.4
LDRS4040MT6R8
6.8
20%
1KHz, 0.5V
0.025
3.2
LDRS4040MT8R2
8.2
20%
1KHz, 0.5V
0.027
3.1
LDRS4040MT100
10
20%
1KHz, 0.5V
0.036
3
LDRS4040MT120
12
20%
1KHz, 0.5V
0.033
2.5
LDRS4040MT150
15
20%
1KHz, 0.5V
0.047
2.4
LDRS4040MT180
18
20%
1KHz, 0.5V
0.052
2.2
LDRS4040MT220
22
20%
1KHz, 0.5V
0.059
2.1
Tolerance
Test Condition
IDC
(A) max.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com