Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST9060C Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST9060C
Description  RF Power LDMOS transistor HF up to 1.5 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9060C Datasheet(HTML) 1 Page - STMicroelectronics

  ST9060C Datasheet HTML 1Page - STMicroelectronics ST9060C Datasheet HTML 2Page - STMicroelectronics ST9060C Datasheet HTML 3Page - STMicroelectronics ST9060C Datasheet HTML 4Page - STMicroelectronics ST9060C Datasheet HTML 5Page - STMicroelectronics ST9060C Datasheet HTML 6Page - STMicroelectronics ST9060C Datasheet HTML 7Page - STMicroelectronics ST9060C Datasheet HTML 8Page - STMicroelectronics ST9060C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M243
Epoxy sealed
1
3
2
1. Drain
2. Gate
3. Source
GADG310120180952IG
Features
•
Excellent thermal stability
•
Common source configuration
•
Integrated ESD protection – HBM Class 2
•
POUT (@28 V) = 80 W with 17 dB gain / 70% efficiency @945 MHz
•
BeO free package
•
In compliance with European Directive 2002/95/EC
Description
The ST9060C is a 28/32 V common source N-channel enhancement-mode lateral
field-effect RF power transistor designed for broadband commercial, avionics and
industrial applications at frequencies up to 1.5 GHz. The device can be used in Class
A, AB and C for all typical modulation formats.
Product status link
ST9060C
Product summary
Order code
ST9060C
Package
M243
Branding
ST9060C
RF Power LDMOS transistor HF up to 1.5 GHz
ST9060C
Datasheet
DS12437 - Rev 2 - March 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST9060C

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
ST90 FLEXTRAL-ST90 Datasheet
1Mb / 1P
ST90 Hydrocarbon Drain
V04.21
ST90-075 FLEXTRAL-ST90-075 Datasheet
1Mb / 1P
ST90 Hydrocarbon Drain
V04.21
ST90-100 FLEXTRAL-ST90-100 Datasheet
1Mb / 1P
ST90 Hydrocarbon Drain
V04.21
logo
Vishay Siliconix
ST90-125L2KI VISHAY-ST90-125L2KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST90-125L2MI VISHAY-ST90-125L2MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

Similar Description - ST9060C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55035STR1-E STMICROELECTRONICS-PD55035STR1-E Datasheet
332Kb / 18P
35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
08-Mar-2022
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF4L10700CB4 STMICROELECTRONICS-RF4L10700CB4 Datasheet
525Kb / 11P
700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
22-Sep-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
RF5L15120CB4 STMICROELECTRONICS-RF5L15120CB4 Datasheet
975Kb / 11P
120 W 50 V RF power LDMOS transistor from HF to 1.5 GHz
SD56060 STMICROELECTRONICS-SD56060 Datasheet
242Kb / 13P
60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
13-May-2021
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
RF Power LDMOS transistor for frequencies up to 1.5 GHz
22-Mar-2019
ST50V10200 STMICROELECTRONICS-ST50V10200 Datasheet
326Kb / 8P
RF power LDMOS transistor for frequencies up to 1.5 GHz
22-Mar-2019
ST9045C STMICROELECTRONICS-ST9045C Datasheet
320Kb / 13P
RF Power LDMOS transistor HF up to 1.5 GHz
16-Mar-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com