Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPFS460T Datasheet(PDF) 43 Page - Microchip Technology

Part # MPFS460T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS460T Datasheet(HTML) 43 Page - Microchip Technology

Back Button MPFS460T Datasheet HTML 39Page - Microchip Technology MPFS460T Datasheet HTML 40Page - Microchip Technology MPFS460T Datasheet HTML 41Page - Microchip Technology MPFS460T Datasheet HTML 42Page - Microchip Technology MPFS460T Datasheet HTML 43Page - Microchip Technology MPFS460T Datasheet HTML 44Page - Microchip Technology MPFS460T Datasheet HTML 45Page - Microchip Technology MPFS460T Datasheet HTML 46Page - Microchip Technology MPFS460T Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
8.
Security
Today’s demanding applications not only have to meet the functional requirements, but also meet them in a secured
way. Security starts during silicon manufacturing and continues through system deployment and operations.
Microchip’s PolarFire SoC FPGAs represent the industry’s most advanced secure programmable SoC FPGAs.
8.1
Design Security
Protecting your design starts with wafer manufacturing and continues through the deployment of the end product.
The following are key features that provide state-of-the-art supply chain assurance and IP protection benefits:
• Secure supply chain management through the use of hardware security modules (HSMs) during wafer test and
packaging
• Supply chain assurance through the use of a 768-byte digitally signed x.509 FPGA certificate embedded in
every FPGA
• AES256-encrypted CRI DPA countermeasures patent protected, bitstream, and key management protocols
• Built-in tamper detectors: voltage monitors, temperature monitor, clock glitch detectors, voltage glitch detectors,
protective meshes, and bus scrambling
• Data integrity through built-in cryptographic digest capabilities
• Zeroization capabilities for all on-chip memories and the FPGA fabric
• Integrated PUF for key storage
• 56 KB of PUF protected sNVM
– Secure reprogrammable keys using non-volatile memory
8.1.1
Tamper Detectors
PolarFire SoC FPGAs integrate numerous on-chip tamper detectors, enabling users to monitor the environment and
the operating parameters of the design. The user can respond to the events that are determined to be out-of-scope
for proper operation. Tamper flags indicate that a tamper event has occurred and are available as signals to the
FPGA fabric for users to process and respond. The following is a partial list of tamper detectors:
• Clock glitch detectors
• Clock frequency detectors
• Voltage monitor detectors
• Temperature sensor
• JTAG active detector
• Mesh active detector
8.1.2
Tamper Responses
After processing a detected event, the user can perform one of the following actions.
• Disable I/Os—configurable on a per I/O basis
• Security lockdown
• Reset
• Zeroize
Security
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com