Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPFS460T Datasheet(PDF) 22 Page - Microchip Technology

Part # MPFS460T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS460T Datasheet(HTML) 22 Page - Microchip Technology

Back Button MPFS460T Datasheet HTML 18Page - Microchip Technology MPFS460T Datasheet HTML 19Page - Microchip Technology MPFS460T Datasheet HTML 20Page - Microchip Technology MPFS460T Datasheet HTML 21Page - Microchip Technology MPFS460T Datasheet HTML 22Page - Microchip Technology MPFS460T Datasheet HTML 23Page - Microchip Technology MPFS460T Datasheet HTML 24Page - Microchip Technology MPFS460T Datasheet HTML 25Page - Microchip Technology MPFS460T Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
– Programmable SPI clock HCLK/2, HCLK/4 or HCLK/6
– Maximum data rate is HCLK/2
• FIFOs
– Transmit and Receive FIFO
– 16-byte transmit FIFO depth
– 32-byte receive FIFO depth
• SPI Protocol
– Master operation
– Motorola SPI supported
– Slave select operation in idle cycles configurable
– Supports extended SPI operation (1, 2, and 4 bits)
– Supports QSPI operation (4-bit operation)
– Supports BSPI operation (2-bit operation)
– Support XIP (execute in place)
– Supports 3 or 4-byte SPI address.
• Frame Size
– Supports 8-bit frames directly
– Back-to-back frame operation supports >8-bit frames
– Supports up to 4GB Transfer (2**32 bytes)
• Processor Overhead Reduction
– Support of SPI flash command/data packets with automatic data generation and discard function
3.5.7
Serial Peripheral Interface
Serial peripheral interface (SPI) is a synchronous serial data protocol that enables the microprocessor or
microcontroller and peripheral devices to communicate with each other. The SPI controller provides a serial interface
compliant with the Motorola SPI, Texas Instruments synchronous serial, and National Semiconductor MICROWIRE™
formats. In addition, SPI supports interfacing with large SPI flash and EEPROM devices and a hardware-based slave
protocol engine. There are two identical SPI controllers in the MSS.
• The SPI peripherals support the following features.
• Master and Slave modes
• Selectable slaves (up to 8)
• Configurable slave select operation
• Configurable clock polarity
• Separate transmit (Tx) and receive (Rx) FIFOs to reduce interrupt service loading
3.5.8
Multi-Mode UART
The PolarFire SoC multi-mode universal asynchronous/synchronous receiver/transmitter (MMUART) performs serial-
to parallel conversion on data originating from modems or other serial devices, and performs parallel-to serial
conversion on data from the CPUs. PolarFire SOC contains 5 identical MMUARTs. The MMUART is software
compatible with the popular 16550 UART device.
The MMUART peripherals support the following features.
• Asynchronous and synchronous operations
• Full programmable serial interface characteristics
• Data width is programmable to 5, 6, 7, or 8 bits
• Even, odd, or no-parity bit generation/detection
• 1, 1½, and 2 stop bit generation
• 9-bit address flag capability used for multi-drop addressing topologies
• Separate transmit (Tx) and receive (Rx) FIFOs to reduce processor interrupt service loading
Microprocessor Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com