Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

472B0 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 472B0
Description  NTC Thermistors, Radial Leaded, Accuracy Line
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

472B0 Datasheet(HTML) 1 Page - Vishay Siliconix

  472B0 Datasheet HTML 1Page - Vishay Siliconix 472B0 Datasheet HTML 2Page - Vishay Siliconix 472B0 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTCLE203E3
www.vishay.com
Vishay BCcomponents
Revision: 18-Sep-2020
1
Document Number: 29048
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, Radial Leaded, Accuracy Line
LINKS TO ADDITIONAL RESOURCES
Notes
(1) Response time in silicone oil MS200/50. This is the time needed
for the sensor to reach 63.2 % of the total temperature
difference when subjected to a temperature change from 25 °C
in air to 85 °C in oil. Thermal time constant by cooling from
electrically pre-heated body
(2) Valid for all types with the exception of the R25 values 12 k,
22 k
 and 470 k
FEATURES
• Accurate over
a
wide temperature range
(tolerance on B-value down to 0.5 %)
• Good stability over a long life
• Excellent price/performance ratio
• Low heat conductivity through 0.4 mm Ni-leads
• cULus recognized, file E148885
(UL category XGPU2/XGPU8)
• Mounting: radial
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• Temperature measurement, sensing and control in
industrial, consumer and telecom applications. For
on-board sensing or accurate remote sensing
DESCRIPTION
These thermistors are made of NTC ceramic material. The
device consists of a chip with two tinned nickel leads. The
parts are coated and color band marked. Tape and reel
versions available on request.
PACKAGING
The thermistors are packed in cardboard boxes; the
smallest packing quantity is 500 units.
DESIGN-IN SUPPORT
For complete curve computation, please visit:
www.vishay.com/thermistors/ntc-curve-list/.
MARKING
The thermistors are marked with color bands on a gray
epoxy base coating; see Dimensions and “Electrical Data
and Ordering Information”.
MOUNTING
Important mounting and handling instructions: see
www.vishay.com/doc?29222
By soldering in any position. Not intended for potting.
Notes
Preferred versions for new designs
(1) Replace * in SAP by J for ± 5 %, H for ± 3 %, G for ± 2 %, F for ± 1 %
(2) RoHS exemption 7(c)-I: electrical and electronic components containing lead in a glass or ceramic other than dielectric ceramic in
capacitors, e.g. piezo-electronic devices, or in a glass or ceramic matrix compound
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
2K to 470K
Tolerance on R25-value
± 1; ± 2; ± 3; ± 5
%
B25/85-value
3528 to 4570
K
Tolerance on B25/85-value
± 0.5 to ± 2.0
%
Operating temperature range at:
°C
Zero power dissipation (continuously)
-40 to +125
Zero power dissipation
(for short periods) (2)
 150
Maximum power dissipation at 55 °C
100
mW
Dissipation factor
 in still air (for info)
2.2
mW/K
Response time (1)
 1.7
s
Thermal time constant
(1)
13
Mass
0.11
g
333
DDD3 D
3D Models
Design Tools
Models
Related
Documents
Available
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(
)
R25-TOL.
(± %)
B25/85
(K)
B25/85-TOL.
(± %)
CODING
(see dimensions)
UL
APPROVED
SAP MATERIAL AND ORDERING NUMBER (1)
III
Y/N
RoHS COMPLIANT
WITH EXEMPTION (2)
RoHS COMPLIANT
2000
1, 2, 3, 5
3528
0.5
Orange
Orange
Y
202*B0
202*B0A
2700
1, 2, 3, 5
3977
0.75
Red
Red
Y
272*B0
272*B0A
4700
1, 2, 3, 5
3977
0.75
Green
Green
Y
472*B0
472*B0A
5000
1, 2, 3, 5
3977
0.75
Black
White
Y
502*B0
502*B0A
10 000
1, 2, 3, 5
3977
0.75
Blue
Blue
Y
103*B0
103*B0A
12 000
1, 2, 3, 5
3740
2
Yellow
Yellow
Y
123*B0
123*B0A
22 000
1, 2, 3, 5
3740
2
White
White
Y
223*B0
223*B0A
47 000
1, 2, 3, 5
4090
1.5
Black
Black
Y
473*B0
473*B0A
68 000
1, 2, 3, 5
4190
1.5
Grey
Grey
Y
683*B0
683*B0A
100 000
1, 2, 3, 5
4190
1.5
Brown
Brown
Y
104*B0
104*B0A
470 000
1, 2, 3, 5
4570
1.5
Violet
Violet
N
474*B0
474*B0A


Similar Part No. - 472B0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
472 ETC2-472 Datasheet
209Kb / 1P
THREADED ROUND STANDOFF
logo
Bi technologies
472 BITECH-472 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
logo
3M Electronics
472 3M-472 Datasheet
127Kb / 5P
3M??Aluminum Foil Tape 427
Feb-2011
logo
France Joint
472 FRANCEJOINT-472 Datasheet
342Kb / 3P
WIPER SEALS
logo
TT Electronics.
472 TTELEC-472 Datasheet
1Mb / 4P
Linear Precision Potentiometer
04/2019
More results

Similar Description - 472B0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
23226403 VISHAY-23226403 Datasheet
217Kb / 19P
NTC Thermistors, Accuracy Line
10-Oct-03
232264053202 VISHAY-232264053202 Datasheet
79Kb / 6P
NTC Thermistors, Accuracy Line
15-Jun-04
NTCLE203E3104FB0 VISHAY-NTCLE203E3104FB0 Datasheet
102Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
16-Sep-11
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
89Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
06-Jul-11
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
18-May-11
NTCLE100E3153JB0 VISHAY-NTCLE100E3153JB0 Datasheet
196Kb / 17P
NTC Thermistors, Radial Leaded, Standard Precision
24-Aug-12
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
06-Jul-11
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
NTC Thermistors, Radial Leaded, Accuracy Line
26-Jun-17
NTCLE101E3 VISHAY-NTCLE101E3_V01 Datasheet
79Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
18-Sep-2020
NTCLE101E3...SB0 VISHAY-NTCLE101E3...SB0 Datasheet
78Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
18-Sep-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com