Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

472B0 Datasheet (PDF) - Vishay Siliconix

472B0 Datasheet PDF - Vishay Siliconix
Part # 472B0
Download  472B0 Download
File Size   105.19 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Radial Leaded, Accuracy Line

472B0 Datasheet (PDF)

Go To PDF Page Download Datasheet
472B0 Datasheet PDF - Vishay Siliconix

Part # 472B0
Download  472B0 Click to download

File Size   105.19 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Radial Leaded, Accuracy Line

472B0 Datasheet (HTML) - Vishay Siliconix


472B0 Product details

FEATURES
• Accurate over a wide temperature range
(tolerance on B-value down to 0.5 %)
• Good stability over a long life
• Excellent price/performance ratio
• Low heat conductivity through 0.4 mm Ni-leads
• cULus recognized, file E148885
(UL category XGPU2/XGPU8)
• Mounting: radial
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Temperature measurement, sensing and control in
industrial, consumer and telecom applications. For
on-board sensing or accurate remote sensing

DESCRIPTION
These thermistors are made of NTC ceramic material. The
device consists of a chip with two tinned nickel leads. The
parts are coated and color band marked. Tape and reel
versions available on request.




Similar Part No. - 472B0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
472 ETC2-472 Datasheet
209Kb / 1P
THREADED ROUND STANDOFF
logo
Bi technologies
472 BITECH-472 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
logo
3M Electronics
472 3M-472 Datasheet
127Kb / 5P
3M??Aluminum Foil Tape 427
Feb-2011
logo
France Joint
472 FRANCEJOINT-472 Datasheet
342Kb / 3P
WIPER SEALS
logo
TT Electronics.
472 TTELEC-472 Datasheet
1Mb / 4P
Linear Precision Potentiometer
04/2019
More results


Similar Description - 472B0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
23226403 VISHAY-23226403 Datasheet
217Kb / 19P
NTC Thermistors, Accuracy Line
10-Oct-03
232264053202 VISHAY-232264053202 Datasheet
79Kb / 6P
NTC Thermistors, Accuracy Line
15-Jun-04
NTCLE203E3104FB0 VISHAY-NTCLE203E3104FB0 Datasheet
102Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
16-Sep-11
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
89Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
06-Jul-11
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
18-May-11
NTCLE100E3153JB0 VISHAY-NTCLE100E3153JB0 Datasheet
196Kb / 17P
NTC Thermistors, Radial Leaded, Standard Precision
24-Aug-12
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
06-Jul-11
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
NTC Thermistors, Radial Leaded, Accuracy Line
26-Jun-17
NTCLE101E3 VISHAY-NTCLE101E3_V01 Datasheet
79Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
18-Sep-2020
NTCLE101E3...SB0 VISHAY-NTCLE101E3...SB0 Datasheet
78Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
18-Sep-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com