Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX136C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX136C/D
Description  Low Power, 31?? Digit A/D Converter with Display Hold
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX136C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX136C/D Datasheet HTML 1Page - Maxim Integrated Products MAX136C/D Datasheet HTML 2Page - Maxim Integrated Products MAX136C/D Datasheet HTML 3Page - Maxim Integrated Products MAX136C/D Datasheet HTML 4Page - Maxim Integrated Products MAX136C/D Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Maxim Integrated
Low Power, 31⁄2 Digit A/D Converter
with Display Hold
MAX136
Detailed Description
The MAX136 3½ digit ADC is similar to the Maxim
ICL7136 except for the addition of a Hold pin. For a
detailed product description, and applications informa-
tion (other than the operation of the Hold pin described
below), refer to Maxim's ICL7136 data sheet.
Hold Input
The Hold input is a digital input with a logic thresh-
old approximately midway between V+ and Test. The
MAX136 continuously performs conversions, indepen-
dent of the Hold input. When the Hold input is at V+ the
display latch pulse is inhibited, and the display latches
are not updated; when the Hold input is low or at the
Test voltage, the display is updated at the end of each
conversion. The MAX136 maintains low-power dissipa-
tion even during display hold by eliminating the pulldown
resistor between Hold and Test present on the ICL7116.
The Hold input is CMOS compatible, and can also be
driven by a switch connected between Test and V+
(Figure 1).
Reference Input
Unlike the ICL7136, the MAX136 does not have a refer-
ence low input. Apply the reference voltage between
Reference High (REF HI) and
Figure 1. MAX136 Typical Operating Circuit, 200mV Full Scale
Figure 2. MAX136 Typical Operating Circuit, 2.0V Full Scale
MAX136
ANALOG
INPUT
9V
VREF
TO ANALOG
COMMON (P32)
LCD DISPLAY
BACKPLANE
DRIVE
SEGMENT
DRIVE
0.47µF
C+ REF
OSC2
ROSC
COSC
OSC3 OSC1
C- REF
0.47µF
0.01µF
0.047µF
1MI
180kI
180kI
150kI
100kI
31
34
33
20
21 MINUS SIGN
RUN
HOLD
37
35
36
26
1
IN HI
2-19
22-25
PDL
BP
TEST
HOLD
REF HI
V+
V-
IN LO
COMMON
BUFF
A/Z
INT
30
32
28
29
39
38
40
50pF
27
MAX136
ANALOG
INPUT
9V
VREF
TO ANALOG
COMMON (P32)
LCD DISPLAY
BACKPLANE
DRIVE
SEGMENT
DRIVE
0.47µF
C+ REF
OSC2
ROSC
COSC
OSC3 OSC1
C- REF
0.47µF
0.01µF
0.047µF
1MI
180kI
180kI
150kI
100kI
31
34
33
20
21 MINUS SIGN
RUN
HOLD
37
35
36
26
1
IN HI
2-19
22-25
PDL
BP
TEST
HOLD
REF HI
V+
V-
IN LO
COMMON
BUFF
A/Z
INT
30
32
28
29
39
38
40
50pF
27



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com