Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX136C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX136C/D
Description  Low Power, 31?? Digit A/D Converter with Display Hold
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX136C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX136C/D Datasheet HTML 1Page - Maxim Integrated Products MAX136C/D Datasheet HTML 2Page - Maxim Integrated Products MAX136C/D Datasheet HTML 3Page - Maxim Integrated Products MAX136C/D Datasheet HTML 4Page - Maxim Integrated Products MAX136C/D Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Maxim Integrated
Low Power, 31⁄2 Digit A/D Converter
with Display Hold
MAX136
Supply Voltage (V+ to V-) .....................................................15V
Analog Input Voltage (either input) (Note 1)..................V+ to V-
Reference Input Voltage (either input)...........................V+ to V-
Clock Input, Hold Input .............................................TEST to V+
Power Dissipation (Note 2)
PDIP.............................................................................800mW
Operating Temperature Range............................. 0°C to +70°C
Storage Temperature ....................................... -65°C to +160°C
Lead Temperature (soldering, 60s) ................................+300°C
ABSOLUTEMAXIMUMRATINGS
Note1: Input voltages may exceed the supply voltages, provided the input current is limited to ±1mA.
Note2: Dissipation rating assumes device is mounted with all leads soldered to printed circuit board.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com