Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-S25B Datasheet(PDF) 3 Page - CUI INC

Part # VOF-S25B
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-S25B Datasheet(HTML) 3 Page - CUI INC

  VOF-S25B Datasheet HTML 1Page - CUI INC VOF-S25B Datasheet HTML 2Page - CUI INC VOF-S25B Datasheet HTML 3Page - CUI INC VOF-S25B Datasheet HTML 4Page - CUI INC VOF-S25B Datasheet HTML 5Page - CUI INC VOF-S25B Datasheet HTML 6Page - CUI INC VOF-S25B Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
date 04/28/2021
│ page 3 of 7
CUI Inc
│ SERIES: VOF-S25B │ DESCRIPTION: AC-DC POWER SUPPLY
SAFETY & COMPLIANCE (CONTINUED)
parameter
conditions/description
min
typ
max
units
ESD
IEC61000-4-2:2008, air discharge: ± 8 kV, contact discharge: ± 4 kV
radiated immunity
IEC61000-4-3:2010
EFT/burst
IEC61000-4-4:2012, ± 0.5 kV, ± 1 kV, ± 2 kV
surge
IEC61000-4-5:2014, L-N: ± 0.5 kV, ± 1 kV
conducted immunity
IEC61000-4-6:2013
power frequency magnetic field
IEC61000-4-8:2009
voltage dips & interruptions
IEC61000-4-11:2004, Dip: 30%, 10 ms, Dip: 60%, 100 ms, Dip: >95%, 5,000 ms
MTBF
as per MIL-HDBK-217F, at 115 Vac, 25°C, GB
500,000
hours
RoHS
yes
Notes:
4. The power supply is considered a component which will be installed into final equipment. The final equipment still must be tested to meet the necessary EMC directives.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-30
70
°C
storage temperature
-30
85
°C
operating humidity
non-condensing
93
%
altitude
5,000
m
vibration
as per MIL-STD-810F Table 514.5C-VIII; 15~2000
Hz for 1 hour on each axis for 3 hours
4
G
shock
as per MIL-STD-810F Table 516.5, Table 516.5-1;
for 10 ms on each axis 3 times
75
G
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com