Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-S25B Datasheet(PDF) 2 Page - CUI INC

Part # VOF-S25B
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-S25B Datasheet(HTML) 2 Page - CUI INC

  VOF-S25B Datasheet HTML 1Page - CUI INC VOF-S25B Datasheet HTML 2Page - CUI INC VOF-S25B Datasheet HTML 3Page - CUI INC VOF-S25B Datasheet HTML 4Page - CUI INC VOF-S25B Datasheet HTML 5Page - CUI INC VOF-S25B Datasheet HTML 6Page - CUI INC VOF-S25B Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date 04/28/2021
│ page 2 of 7
CUI Inc
│ SERIES: VOF-S25B │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
120
264
370
Vac
Vdc
frequency
47
63
Hz
current
at 100 Vac, full load
700
mA
inrush current
at 240 Vac, cold start, 25°C
60
A
leakage current
at 264 Vac
0.25
mA
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
5 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
36 Vdc output models
48 Vdc output models
81,000
40,900
19,800
6,600
4,000
2,170
μF
μF
μF
μF
μF
μF
initial set point accuracy
5 Vdc output model
all other models
±2
±1
%
%
line regulation
measured at high line to low line at full load
±1
%
load regulation
measured at 10%~100% load
±1
%
start-up time
3
s
hold-up time
at 115 Vac
8
ms
switching frequency
65
kHz
temperature coefficient
±0.05
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
TVS to clamp output votlage
5 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
36 Vdc output models
48 Vdc output models
6.8
15.0
18.0
30.0
47.0
56.0
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
short circuit protection
hiccup, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
3,000
Vac
isolation resistance
100
MΩ
safety approvals
certified to IEC/EN/UL 62368-1
designed to meet IEC/EN 60335
safety class
Class II
conducted emissions
EN55032, EN61000-6-3:2012, Class B,
47 CFR FCC Part 15 Subpart B (Class B)
radiated emissions
EN55032, EN61000-6-3:2012, Class B,
47 CFR FCC Part 15 Subpart B (Class B)
harmonic current emissions
EN61000-3-2:2014
voltage fluctuations & flicker
EN61000-3-3:2013
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com