Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDEV-PROTO Datasheet(PDF) 4 Page - Linx Technologies

Part # MDEV-PROTO
Description  HumDTTM Series Master Development System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-PROTO Datasheet(HTML) 4 Page - Linx Technologies

  MDEV-PROTO Datasheet HTML 1Page - Linx Technologies MDEV-PROTO Datasheet HTML 2Page - Linx Technologies MDEV-PROTO Datasheet HTML 3Page - Linx Technologies MDEV-PROTO Datasheet HTML 4Page - Linx Technologies MDEV-PROTO Datasheet HTML 5Page - Linx Technologies MDEV-PROTO Datasheet HTML 6Page - Linx Technologies MDEV-PROTO Datasheet HTML 7Page - Linx Technologies MDEV-PROTO Datasheet HTML 8Page - Linx Technologies MDEV-PROTO Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
–
–
–
–
2
3
HumDTTM Series Transceiver Carrier Board Objects
1. HumDTTM Series Transceiver
2. MMCX RF Connector
3. Dual Row Header
4. Single Row Header
HumDTTM Series Transceiver Carrier Board
Ordering Information
Figure 2: Ordering Information
Figure 3: HumDTTM Series Transceiver Carrier Board
1
2
3
4
HumDTTM Series Carrier Board Pin Assignments
Figure 5: HumDTTM Series Transceiver Carrier Board Pin Assignments (Top View)
7 MODE_IND
9 CMD_DATA_IN
11 VCCD
13 CTS
15 CMD_DATA_OUT
17 VCC
19 VCCD
21 VCCD
23 NC
25 NC
27 NC
29 NC
31 NC
33 NC
35 NC
37 NC
GND 6
RESET 8
POWER_DOWN 10
NC 12
VCCD 14
LNA_EN 16
GPIO_0 18
PA_EN 20
NC 22
NC 24
NC 26
NC 28
NC 30
NC 32
NC 34
NC 36
41 GPIO_5
42 GPIO_4
43 GPIO_3
44 GPIO_2
45 GPIO_1
46 ACTIVE
47 NC
48 NC
49 NC
50 NC
51 NC
52 NC
53 NC
54 NC
55 NC
56 NC
40 GPIO_6
39 GPIO_7
38 VCCD
ANTENNA 1
2-5 GND (RF Connector)
Programming Dock
Programming Dock Objects
1. Carrier Board Socket
2. RP-SMA Antenna Connector
3. MODE_IND LED
4. Micro USB Connector
5. LCD Display
Figure 4: Programming Dock
2
3
4
5
1
Ordering Information
Part Number
Description
MDEV-***-DT
HumDTTM Series Master Development System
HUM-***-DT
HumDTTM Series Transceiver
EVM-***-DT
HumDTTM Series Carrier Board
MDEV-PGDCK
Development System Programming Dock
MDEV-PROTO
Development System Prototype Board
CON-SOC-EVM
EVM Module Socket Kit
*** = Frequency; 868MHz, 900MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com