Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDEV-PROTO Datasheet(PDF) 9 Page - Linx Technologies

Part # MDEV-PROTO
Description  HumDTTM Series Master Development System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-PROTO Datasheet(HTML) 9 Page - Linx Technologies

Back Button MDEV-PROTO Datasheet HTML 5Page - Linx Technologies MDEV-PROTO Datasheet HTML 6Page - Linx Technologies MDEV-PROTO Datasheet HTML 7Page - Linx Technologies MDEV-PROTO Datasheet HTML 8Page - Linx Technologies MDEV-PROTO Datasheet HTML 9Page - Linx Technologies MDEV-PROTO Datasheet HTML 10Page - Linx Technologies MDEV-PROTO Datasheet HTML 11Page - Linx Technologies MDEV-PROTO Datasheet HTML 12Page - Linx Technologies MDEV-PROTO Datasheet HTML 13Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
–
–
–
–
12
13
The 868MHz version of the module operates on one of 68 channels as
opposed to being agile among 4 channels. The software automatically
detects the frequency band for the active module and adjusts the selection.
The 868MHz module changes the channel selection from the check boxes
to a drop-down menu in the Radio section (1).
All other selections and operation are identical for both versions. The
examples that follow show the 900MHz version, but the same procedures
apply for the 868MHz version.
The modules are shown with four identifiers as shown in Figure 13.
1. The type of module (HumDT™ Series)
2. The module’s local address.
3. A custom name that can be given to the module. Type a name into
the box and press Enter to apply it. This name is shown on the LCD
display on the programming dock.
4. The active module has an eject symbol that disconnects the software
from that module when clicked. The Available modules have a play
symbol that makes that module active when clicked.
Figure 13: The Master Development System Software Module Identifiers
1
2
3
Figure 14: The Master Development System Programming Dock with Name and Address Displayed
4
1
Figure 12: The Master Development System Software Advanced Configuration Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com