Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTPSPLMY Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # UTPSPLMY
Description  Mini-Com짰 TX6??PLUS UTP Jack Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

UTPSPLMY Datasheet(HTML) 2 Page - PANDUIT CORP.

  UTPSPLMY Datasheet HTML 1Page - PANDUIT CORP. UTPSPLMY Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2015 Panduit Corp.
ALL RIGHTS RESERVED.
COSP235-WW-ENG
5/2016
Mini-Com® TX6™ PLUS UTP Jack Module
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300 and reference COSP235
Visit us at www.panduit.com
For more information
Dimensions are in inches. [Dimensions in brackets are metric].
T est Results
Performance Test
Test Method
20 MHz
Typical Test Results (dB)
100 MHz
200 MHz
250 MHz
NEXT
Category 6
ANSI/TIA-568-C.2
Standard
> 68.0
> 54.0
> 48.0
> 46.0
PS NEXT
> 64.0
> 50.0
> 44.0
> 42.0
NEXT
> 57.1
> 43.0
> 37.1
> 35.1
PS NEXT
> 54.1
> 40.1
> 34.1
> 32.2
Attenuation
< 0.10
< 0.21
< 0.28
< 0.32
Return Loss
> 30
> 24.0
> 18.0
> 16.0
Consult technical support for cable brand specific channel test results.
Mechanical Test
Test Method
Measurement
Typical Test Results
Normal Force
—
Load (grams)
>100
Vibration
IEC 512-6d
Circuit Resistance (mOhms)
< 40
Durability
IEC 512-9a
Circuit Resistance (mOhms)
< 40
Mating/Unmating
IEC 512-13b
Mating Force (N)
< 20
Un-mating Force (N)
< 20
Electrical Test
Test Method
Measurement
Typical Test Results
Low Level Circuit Resistance
IEC 512-2a
Resistance (mOhms)
< 40
Dielectric Withstand Voltage
IEC 512-4a
1000 V, 1 minute
Passed
Insulation Resistance
IEC 512-3a
Resistance (MOhms)
> 500
Environmental
Test Method
Measurement
Typical Test Results
Temperature Life
IEC 512-9b
Circuit Resistance (mOhms)
< 40
Humidity
IEC 512-11c
Circuit Resistance (mOhms)
< 40
Thermal Shock
IEC 512-11d
Circuit Resistance (mOhms)
< 40
Climatic Sequence
IEC 512-11a
Circuit Resistance (mOhms)
< 40
Flowing Mixed Gas Corrosion
IEC 512-11g
Circuit Resistance (mOhms)
< 40
Twist
Preservation Cap
Module Housing
0.63
[15.88]
0.71
[18.08]
1.43
[36.37]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com