Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTPSPLMY Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # UTPSPLMY
Description  Mini-Com짰 TX6??PLUS UTP Jack Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

UTPSPLMY Datasheet(HTML) 1 Page - PANDUIT CORP.

  UTPSPLMY Datasheet HTML 1Page - PANDUIT CORP. UTPSPLMY Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
Category 6/Class E channel
Exceeds channel requirements of ANSI/TIA-568-C.2 Category 6
and component performance:
and ISO 11801 Class E standards at swept frequencies
1 to 250 MHz
Exceeds component requirements of ANSI/TIA-568-C.2 Category 6
and ISO 11801 Class E standards at swept frequencies
1 to 250 MHz
FCC and ANSI compliance:
Meets ANSI/TIA-1096-A; contacts plated with 50 microinches of
gold for superior performance
PoE compliance:
Rated for 2500 cycles with IEEE 802.3af / 802.3at and proposed
802.3bt type 3 and type 4
IEC compliance:
Meets IEC 60603-7
RoHS compliance:
Compliant
UL rated:
UL 1863 approved
Conductor
Wire cap compatible with 24 – 22 AWG solid cable with conductor
termination range:
insulation diameters of 0.035 in. to 0.048 in. and overall cable O.D.
0.200 in. to 0.330 in.
technical information
specifications
Category 6/Class E, 8-position, UTP jack module shall
terminate solid, 4-pair, 24 – 22 AWG, 100 ohm unshielded
twisted pair cable and shall not require use of a punchdown
tool. UTP jack modules shall use a forward motion termination
method to optimize performance by maintaining cable pair
geometry while eliminating conductor untwist. The termination
cap shall be color-coded white to designate Category 6
performance and shall include a universal label coded for
T568A and T568B wiring schemes.
applications
Mini-Com® TX6™ PLUS UTP Jack Modules are a
component of the TX6™ PLUS UTP Copper Cabling
System. This end-to-end system is interoperable and
backwards compatible, providing design flexibility to
protect network investments well into the future. With
certified performance to the ANSI/TIA-568-C.2
Category 6 and ISO 11801 Class E standards, this
system is ideal for today's high performance
workstation applications. With certified performance
to the ANSI/TIA-568-C.2 Category 6 and ISO 11801
Class E standards, these systems will support the
following applications:
• Ethernet 10BASE-T, 100BASE-T (Fast
Ethernet), 1000BASE-T (Gigabit Ethernet)
• 155 Mb/s ATM, 622 Mb/s ATM, 1.2 Gb/s ATM
• Token Ring 4/16
• Digital video and broadband/baseband
analog video
• Voice over Internet Protocol (VoIP)
key features and benefits
100% performance tested
Confidence that each jack module will deliver the critical
electrical performance requirements
Utilizes enhanced
Optimizes performance by eliminating conductor untwist and
Giga-TX™ Technology
reduces installation time and expense
Improved termination cap
Conductor retention slots simplify jack module termination
Modular
UTP jack modules snap in and out of all Mini-Com® Faceplates,
Modular Patch Panels and Surface Mount Boxes for easy moves,
adds and changes
True strain relief
Controls cable bend radius for long term installed performance
Individually serialized
Marked with quality control number for future traceability
RJ45 interface
Industry standard interface provides a quick and easy plug and
play connection to RJ45 patch cords; backwards compatible
Identification
Can be clearly identified with optional labels and icons for
port identification
Termination tools (optional)
CGJT termination tool ensures conductors are fully terminated
by utilizing a smooth forward motion without impact on critical
internal components for maximum reliability
Block out device (optional)
Provides a simple and secure method to control access to data
ports while not in use
Mini-Com® TX6™ PLUS UTP Jack Module
TX6 ™ PLUS UTP
Copper Cabling System
Mini-Com ® TX6 ™ PLUS
UTP Jack Module
Jack module:
CJ688TPIW*
TX6000 ™ UTP Copper Cable
Plenum:
PUP6004**
Riser:
PUR6004**
LSZH (60332-1):
PUL6004**
LSZH (60332-3):
PUZ6004**
CM:
PUC6004**
TX6 ™ PLUS UTP Patch Cords
CM (foot lengths): UTPSP^Y
CM (meter lengths): UTPSP^^MY
LSZH
(meter lengths):
UTPSPL^^MY
Mini-Com ® Angled
Modular Patch Panels
24-port, 1 RU:
CPPLA24WBLY
48-port, 2 RU:
CPPLA48WBLY
Mini-Com ® Flat Modular
Patch Panels
24-port, 1 RU:
CPPL24WBLY
48-port, 2 RU:
CPPL48WBLY
For additional modular and punchdown
patch panels, visit www.panduit.com.
Tools and Accessories
Jack module
termination tool:
CGJT
Wire snipping tool: CWST
Wire snipping tool: CJAST
Clear dust cap:
MDC-C
Block out device:
PSL-DCJB-^^^
Phone icons:
CIPIW-C+
Data icons:
CIDIW-C+
*To designate color other than IW (Off White), replace
IW suffix with EI (Electric Ivory), IG (International Gray),
WH (White), AW (Arctic White), BL (Black), BU (Blue),
RD (Red), YL (Yellow), GR (Green), OR (Orange),
BR (Brown), GD (Gold), LB (Light Blue), PK (Pink), or
VL (Violet).
**To designate color, add suffix BU (Blue) or WH
(White). For additional cable colors, contact customer
service.
^For lengths 1 to 20 feet (one foot increments) and 25,
30, 35, 40 feet, change the length designation in the
part number to the desired length. For standard cable
colors other than Off White, add suffix BL (Black),
BU (Blue), RD (Red), YL (Yellow), GR (Green), OR
(Orange) or VL (Violet). For example, the part number
for a blue 15-foot patch cord is UTPSP15BUY.
^^For lengths 1 to 10 meters (one meter increments)
and 0.5, 1.5, 2.5, 15, 20, meters, change the length
designation in the part number to the desired length.
For standard cable colors other than Off White, add
suffix BL (Black), BU (Blue), RD (Red), YL (Yellow),
GR (Green), OR (Orange) or VL (Violet). For example,
the part number for a blue 15-meter patch cord
is UTPSP15MBUY.
^^^To designate color other than Red, add suffix BL
(Black), BU (Blue), YL (Yellow), GR (Green), OR
(Orange), IW (Off White) or IG (International Gray) at
end of the part number. 10/package.
+To designate color other than IW (Off White), replace
IW with EI (Electric Ivory), IG (International Gray), BL
(Black), BU (Blue), RD (Red), YL (Yellow), GR (Green),
OR (Orange) or VL (Violet) in the part number.
100/package.
Contact customer service for bulk packaged jack
modules and patch cords.
SPECIFICA TION SHEET


Similar Part No. - UTPSPLMY

ManufacturerPart #DatasheetDescription
logo
SOURIAU-SUNBANK Connect...
UTP10DC SOURIAU-UTP10DC Datasheet
1Mb / 14P
The plastic circular connector with metal locking
UTP10DCG SOURIAU-UTP10DCG Datasheet
1Mb / 14P
The plastic circular connector with metal locking
UTP12DC SOURIAU-UTP12DC Datasheet
1Mb / 14P
The plastic circular connector with metal locking
UTP12DCG SOURIAU-UTP12DCG Datasheet
1Mb / 14P
The plastic circular connector with metal locking
UTP14DC SOURIAU-UTP14DC Datasheet
1Mb / 14P
The plastic circular connector with metal locking
More results

Similar Description - UTPSPLMY

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CC5E88IW PANDUIT-CC5E88IW Datasheet
157Kb / 1P
Mini-Com짰 Category 5e UTP Coupler Module
CHS2IW-X PANDUIT-CHS2IW-X Datasheet
246Kb / 1P
Mini-Com짰 Inserts
CJ88IWY PANDUIT-CJ88IWY Datasheet
94Kb / 2P
Mini-Com짰 Mini-Jack??Category 3 UTP Jack Modules
CJ688TG PANDUIT-CJ688TG Datasheet
110Kb / 1P
TX6 PLUS CAT6 JACK MODULE
CJK688TG PANDUIT-CJK688TG Datasheet
168Kb / 3P
MINI-COM TX6 PLUS UTP KEYED JACK MODULE CUSTOMER DRAWING
CJS5E88TGY PANDUIT-CJS5E88TGY Datasheet
487Kb / 3P
Mini-Com짰 TX5e??Shielded Jack Modules
CJS688TGY PANDUIT-CJS688TGY Datasheet
486Kb / 3P
Mini-Com짰 TX6??PLUS Shielded Jack Modules
CJ688TGAW PANDUIT-CJ688TGAW Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
CC688BL PANDUIT-CC688BL Datasheet
261Kb / 2P
Mini-Com짰 TX6??PLUS UTP Coupler Modules and Patch Panel S P E C I F I C AT I O N S H E E T
4/2015
CJ5E88TGBL PANDUIT-CJ5E88TGBL Datasheet
180Kb / 2P
Mini-Com짰 TX5e??UTP Jack Modules
4/2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com