Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMARTSTART-BDC-C Datasheet(PDF) 2 Page - IDEC Corporation

Part # SMARTSTART-BDC-C
Description  IDEC SmartRelay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

SMARTSTART-BDC-C Datasheet(HTML) 2 Page - IDEC Corporation

  SMARTSTART-BDC-C Datasheet HTML 1Page - IDEC Corporation SMARTSTART-BDC-C Datasheet HTML 2Page - IDEC Corporation SMARTSTART-BDC-C Datasheet HTML 3Page - IDEC Corporation SMARTSTART-BDC-C Datasheet HTML 4Page - IDEC Corporation SMARTSTART-BDC-C Datasheet HTML 5Page - IDEC Corporation SMARTSTART-BDC-C Datasheet HTML 6Page - IDEC Corporation SMARTSTART-BDC-C Datasheet HTML 7Page - IDEC Corporation SMARTSTART-BDC-C Datasheet HTML 8Page - IDEC Corporation SMARTSTART-BDC-C Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Features
IDEC SmartRelay
H-2
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
H
Other Characteristics
Digital/Analog Inputs
(6 Digital plus 2 Digital or Analog)
Multiple inputs provide direct communication
with pushbuttons, sensors, switches, etc.
(2kHz max. on I5 and I6). (Common use I/O for
digital and analog: I7 and I8 on FL1C-H12RCE,
FL1C-B12RCE, FL1C-H12SND.) Expandable up
to 24 digital inputs.
LCD Display Panel
Display up to 48 characters as a
text message. Monitor any of the 8
basic or 26 special function blocks,
or confirm the status of the program
for troubleshooting.
Multifunction Interface
A multifunction interface makes it easy to
insert and remove the memory cartridge
that controls the circuit program. It also
supports the PC interface cable for upload-
ing and downloading data from WindLGC.
Operational Control Buttons
Easy programming interface uses
only six buttons. No tools necessary.
Cursor keys can also be configured as
inputs.
Other Key Features
• Password protection
• Daylight savings time
• UL/c-UL listed, IEC61131/VDE0631,
EMC Compliant, C-tick listed
• FM approved for Class 1, Div 2 Class
1, Zone 2 hazardous locations.
Digital Outputs
Use the outputs to control lights,
small-sized motors and solenoid
valves up to 10A. Expandable up
to 16 digital outputs.
Text Display
It can display messages with
background lighting up to 48
characters long from a
selection of 97 character
types.
Operational Buttons
Use the selection buttons for
easy confirmation or modifi-
cation of the circuit being
displayed. The cursor keys
can be configured as inputs.
Memory Cartridge
FL1C-PM3 is a memory cartridge
with know-how protection. Not
only is it possible to save your
program, but also to protect it
from unintended modification,
copying or deletion.
Not required for operation.
Expansion Modules
Optional expansion I/O mod-
ules allow you to add digital
input, output and LONWORKS®/
AS-Interface communication
modules as well as analog
inputs to your system. Just
snap-on and go – no special
software or cables required.
IDEC SmartRelay
IDEC SmartRelay –the smart and expandable solution
Get smart with the fully programmable IDEC
SmartRelay, a compact, expandable CPU that can
replace multiple timers, relays and counters. Each
CPU houses a real-time clock and calendar, and
supports optional expansion I/O modules to
enhance your control and monitoring applications.
Program and edit using either the "smart" on-
board selection buttons and display interface, or
our even "smarter" software, WindLGC. The IDEC
SmartRelay is the ideal solution for managing
automatic lighting, access control, watering sys-
tems, pump control, or ventilation systems in fac-
tory or home automation.
HIghlights of the FL1C series
• 32-bit processor
• 130 connectable blocks
• 4 new function blocks
• 4 x12 backlight display
• Timer and counter frequency up to 2KHz
• Online monitor
• Ladder programming
• Invert of inputs saves NOT function blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com