Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-100C Datasheet(PDF) 3 Page - CUI INC

Part # VOF-100C
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-100C Datasheet(HTML) 3 Page - CUI INC

  VOF-100C Datasheet HTML 1Page - CUI INC VOF-100C Datasheet HTML 2Page - CUI INC VOF-100C Datasheet HTML 3Page - CUI INC VOF-100C Datasheet HTML 4Page - CUI INC VOF-100C Datasheet HTML 5Page - CUI INC VOF-100C Datasheet HTML 6Page - CUI INC VOF-100C Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
date 06/12/2021
│ page 3 of 7
CUI Inc
│ SERIES: VOF-100C │ DESCRIPTION: AC-DC POWER SUPPLY
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to ground for 1 minute, <10 mA
input to output for 1 minute, <10 mA
output to ground for 1 minute, <10 mA
1,500
4,000
1,500
Vac
Vac
Vac
safety approvals
certified to 62368: UL, EN (the VOF-100C-36 model does not have UL certification)
certified to 60335: EN
certified to 61558: EN
safety class
class I (with PE), class II (without PE)
conducted emissions1
CISPR32/EN55032 CLASS B
radiated emissions1
CISPR32/EN55032 (Class B for safety class I installations; Class A for safety class II installations)
harmonic current
IEC/EN61000-3-2 CLASS A
ESD
IEC/EN 61000-4-2 Contact ±8KV/Air ±15KV perf. Criteria A
radiated immunity
IEC/EN 61000-4-3 10V/m perf. criteria A
EFT/burst
IEC/EN 61000-4-4 ±2KV perf. Criteria A
surge
IEC/EN 61000-4-5 line to line ±2KV/line to ground ±4KV perf. Criteria A
conducted immunity
IEC/EN61000-4-6 10 Vr.m.s perf. Criteria A
voltage dips and interruptions
IEC/EN61000-4-11 0%, 70% perf. Criteria B
MTBF
as per MIL-HDBK-217F
300,000
hours
RoHS
yes
Notes:
1. The power supply is considered a component of the end system. All EMC performance has been tested on a metal plate with the dimensions 360 x 360 x 1 mm.
The power supply must be integrated into the end system for proper electromagnetic compatibility testing.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
85
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
20
90
%
storage humidity
non-condensing
10
95
%
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com